Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4677 Datasheet(PDF) 84 Page - Analog Devices

Part # LTM4677
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 84 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 80Page - Analog Devices LTM4677 Datasheet HTML 81Page - Analog Devices LTM4677 Datasheet HTML 82Page - Analog Devices LTM4677 Datasheet HTML 83Page - Analog Devices LTM4677 Datasheet HTML 84Page - Analog Devices LTM4677 Datasheet HTML 85Page - Analog Devices LTM4677 Datasheet HTML 86Page - Analog Devices LTM4677 Datasheet HTML 87Page - Analog Devices LTM4677 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 132 page
background image
LTM4681
84
Rev. 0
For more information www.analog.com
ADDRESSING AND WRITE PROTECT
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
PAGE
0x00 Provides integration with multi-page PMBus devices.
R/W Byte
N
Reg
0x00
PAGE_PLUS_WRITE
0x05 Write a supported command directly to a PWM channel. W Block
N
PAGE_PLUS_READ
0x06 Read a supported command directly from a PWM
channel.
Block
R/W
N
WRITE_PROTECT
0x10 Level of protection provided by the device against
accidental changes.
R/W Byte
N
Reg
Y
0x00
MFR_ADDRESS
0xE6 Sets the 7-bit I2C address byte.
R/W Byte
N
Reg
Y
0x4F
MFR_RAIL_ADDRESS
0xFA Common address for PolyPhase outputs to adjust
common parameters.
R/W Byte
Y
Reg
Y
0x80
PAGE
The PAGE command provides the ability to configure, control and monitor both PWM channels through only one physi-
cal address, either the MFR_ADDRESS or GLOBAL device address. Each PAGE contains the operating commands for
one PWM channel.
Pages 0x00 and 0x01 correspond to Channel 0 and Channel 1, respectively, in this device.
ASEL_01 sets the address for Channel 0 and 1, ASEL_23 sets the address for Channel 2 and 3. Each of the ASEL pins
will have a different programmed address.
Setting PAGE to 0xFF applies any following paged commands to both outputs. With PAGE set to 0xFF the LTM4681
will respond to read commands as if PAGE were set to 0x00 (Channel 0 results).
This command has one data byte.
PAGE_PLUS_WRITE
The PAGE_PLUS_WRITE command provides a way to set the page within a device, send a command, and then send
the data for the command, all in one communication packet. Commands allowed by the present write protection level
may be sent with PAGE_PLUS_WRITE.
The value stored in the PAGE command is not affected by PAGE_PLUS_WRITE. If PAGE_PLUS_WRITE is used to send
a non-paged command, the Page Number byte is ignored.
This command uses Write Block protocol. An example of the PAGE_PLUS_WRITE command with PEC sending a com-
mand that has two data bytes is shown in Figure 53.
PMBus COMMAND DETAILS
SLAVE
ADDRESS
PAGE_PLUS
COMMAND CODE
BLOCK COUNT
(= 4)
W A
A
S
7
8
8
1
PAGE
NUMBER
8
1
1 1
1
1
A
A
…
COMMAND
CODE
8
1
A
UPPER DATA
BYTE
A
A P
4681 F53
A
8
8
1
1 1
1
PEC BYTE
LOWER DATA
BYTE
8
Figure 53. Example of PAGE_PLUS_WRITE
PAGE_PLUS_READ
The PAGE_PLUS_READ command provides the ability to set the page within a device, send a command, and then read
the data returned by the command, all in one communication packet .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com