Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4664 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM4664
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 4Page - Analog Devices LTM4664 Datasheet HTML 5Page - Analog Devices LTM4664 Datasheet HTML 6Page - Analog Devices LTM4664 Datasheet HTML 7Page - Analog Devices LTM4664 Datasheet HTML 8Page - Analog Devices LTM4664 Datasheet HTML 9Page - Analog Devices LTM4664 Datasheet HTML 10Page - Analog Devices LTM4664 Datasheet HTML 11Page - Analog Devices LTM4664 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 132 page
background image
LTM4681
8
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2). Specified as each individual output channel (Note 4). TA = 25°C, VIN = 12V, RUNn = 3.3V,
RUNP = 0, FREQUENCY_SWITCH = 350kHz and VOUTn commanded to 1.000V unless otherwise noted. Configured with factory-default
EEPROM settings and per Test Circuit 1, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IO-F/S
Output Current Full-Scale Digitizable
Range
(Note 15)
Utilizing MFR_PWM_MODE[7] = 1, Using IOUT_OC_
FAULT_LIMIT = 61A, Page 97
54
A
IO-RB-ACC
Output Current, Readback Accuracy
READ_IOUTn, Channels 0–3, 0 ≤ IOUTn ≤ 30A,
Forced-Continuous Mode, MFR_PWM_MODEn[0] = 1b
0°C to 125°C
–40°C to 125°C
See Histograms in Typical Performance Characteristics
(Note 12)
l
Within 1.25A of Reading
Within 1.5A of Reading
IO-RB(31.25A)
Full Load Output Current Readback
(Note 12). See Histograms in Typical Performance
Characteristics
31.25
A
tCONVERT-IO-RB
Output Current Readback Update
Rate
MFR_ADC_CONTROL = 0x00 (Notes 9, 15)
MFR_ADC_CONTROL = 0x06 (CH0,2 IOUT) or 0x01 (CH1,3 IOUT)
(Notes 9, 15) See MFR_ADC_CONTROL SECTION
90
8
ms
ms
Input Current Readback
N
Resolution
(Note 10)
10
Bits
VIINSTP
LSB Step Size Full-Scale Range = 16mV
LSB Step Size Full-Scale Range = 32mV
LSB Step Size Full-Scale Range = 64mV
Gain = 8, 0V ≤ |VIIN+ – VIIN–| ≤ 5mV
Gain = 4, 0V ≤ |VIIN+ – VIIN–| ≤ 20mV
Gain = 2, 0V ≤ |VIIN+ – VIIN–| ≤ 50mV
15.26
30.52
61
µV
µV
µV
IIN_TUE
Total Unadjusted Error
Gain = 8, 2.5mV ≤ |VIIN+ – VIIN–| (Note 7)
Gain = 4, 4mV ≤ |VIIN+ – VIIN–| (Note 7)
Gain = 2, 6mV ≤ |VIIN+ – VIIN–| (Note 7)
l
l
l
±2
±1.3
±1.2
%
%
%
VOS
Zero-Code Offset Voltage
(Note 15)
±50
µV
tCONVERT
Update Rate
(Notes 9,15) See MFR_ADC_CONTROL SECTION for
Faster Update Rates
90
ms
Supply Current Readback
N
Resolution
(Note 10)
10
Bits
VICHIPSTP
LSB Step Size Full-Scale Range =
256mV
Onboard 1Ω Resistor
244
µV
ICHIP_RB
ICHIP Readback
SVIN_nn Current
±50
mA
tCONVERT
Update Rate
(Notes 9,15) See MFR_ADC_CONTROL SECTION for
Faster Update Rates
90
ms
Temperature Readback (T0, T1)
TRES-RB
Temperature Readback Resolution
Channel n, and Controller (Note 15)
0.25
°C
T0_TUE
External Temperature Total
Unadjusted Readback Error
Supporting Only ∆VBE Sensing
2.5
°C
T1_TUE
Internal TSNS TUE
VRUNn = 0.0, fSYNC = 0kHz (Note 7)
±1
°C
tCONVERT
Update Rate
(Note 9)
MFR_ADC_CONTROL = 0x04 or 0x0C (Notes 9, 15)
90
8
ms
ms
INTVCC_nn Regulator/VBIAS
VINTVCC_nn
Internal VCC Voltage No Load
6V ≤ SVIN_nn ≤ 16V
l
5.25
5.5
5.75
V
VLDO_INT
INTVCC Load Regulation
ICC = 0mA to 20mA, 6V ≤ SVIN_nn ≤ 16V
0.5
±2
%
VIN_VBIAS
Input Range for VIN_VBIAS
4.5
16
V
RUNP
VBIAS Enable
RUNP Rising
0.8
0.85
V
VBIAS
5.5V Internal Regulator
7 ≤ VIN_VBIAS ≤ 16
5.25
5.5
5.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com