Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD1863U080 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PESD1863U080
Description  ESD Protection Devices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

PESD1863U080 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  PESD1863U080 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1863U080 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1863U080 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1863U080 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1863U080 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1863U080 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Surface Mount Polymeric ESD Suppressor
Revision: 1.3, 13-Jun-2013
 
Page:2 / 6 
 
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Continuous Operating
Voltage
VDC
---
---
---
18
V
Trigger Voltage
VT
IEC61000-4-2 8KV
contact discharge
---
300
---
V
Clamping Voltage
VC
IEC61000-4-2 8KV
contact discharge
---
50
---
V
Leakage Current
IL
DC 5V shall be
applied on component
---
---
10
nA
Capacitance
CP
Measured at 10MHz
---
0.8
---
pF
ESD Pulse Withstand
Pulses
IEC61000-4-2 8KV
contact discharge
1000
---
---
---
Notes:
1.
Trigger and clamping voltage are measured per IEC 61000-4-2, 8KV contact discharge method.
2.
After reliability tests such as high Temp storage, Temp cycles, continuous ESD strike etc, the
maximum leakage current is less than 1uA.
0
1.0E+07
1.0E+08
1.0E+09
1.0E+10
Frequency(Hz)
Electrical Characteristics(TA =25°C)
Typical Device Capacitance VS. Frequency
PESD18 63U 08 0
0.8
0.85
0.75
0.7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com