Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3935 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC3935
Description  Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3935 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC3935 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3935 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SC3935
Silicon NPN epitaxial planer type
For high-frequency amplification/oscillation/mixing
s Features
q
High transition frequency fT.
q
Small collector output capacitance Cob and common base reverse
transfer capacitance Crb.
q
S-Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Emitter
EIAJ:SC–70
3:Collector
S–Mini Type Package
2.1
±0.1
1.25
±0.1
0.425
0.425
1
3
2
0.2
±0.1
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Ratings
15
10
3
50
150
150
–55 ~ +150
Unit
V
V
V
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Common emitter reverse transfer capacitance
Base time constant
hFE ratio
Symbol
ICBO
ICEO
VCEO
VEBO
hFE1
hFE2
VCE(sat)
fT
Cob
Crb
rbb' · CC
hFE(RATIO)
Conditions
VCB = 10V, IE = 0
VCE = 10V, IB = 0
IC = 2mA, IB = 0
IE = 10µA, IC = 0
VCE = 2.4V, IC = 7.2mA
VCE = 2.4V, IC = 100µA
IC = 20mA, IB = 4mA
VCE = 2.4V, IC = 7.2mA, f = 200MHz
VCB = 4V, IE = 0, f = 1MHz
VCB = 4V, IE = 0, f = 1MHz
VCB = 4V, IE = –5mA, f = 31.9MHz
VCE = 2.4V, IC = 100µA
VCE = 2.4V, IC = 7.2mA
min
10
3
75
75
1.4
0.75
typ
1.9
0.9
0.25
11.8
max
1
10
220
0.5
2.5
1.1
0.35
13.5
1.6
Unit
µA
µA
V
V
V
GHz
pF
pF
ps
*1h
FE Rank classification
Rank
P
Q
hFE
75 ~ 130
110 ~ 220
Marking symbol :
1S


Similar Part No. - 2SC3935

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3930 PANASONIC-2SC3930 Datasheet
52Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
logo
Guangdong Kexin Industr...
2SC3930 KEXIN-2SC3930 Datasheet
45Kb / 1P
Silicon NPN Epitaxial Planar
logo
SeCoS Halbleitertechnol...
2SC3930 SECOS-2SC3930 Datasheet
190Kb / 3P
NPN Silicon Epitaxial Planar Transistor
logo
Shenzhen Jin Yu Semicon...
2SC3930 HTSEMI-2SC3930 Datasheet
845Kb / 3P
TRANSISTOR (NPN)
logo
Galaxy Semi-Conductor H...
2SC3930 BILIN-2SC3930 Datasheet
373Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - 2SC3935

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2480 PANASONIC-2SC2480 Datasheet
74Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification / oscillation / mixing)
2SC2636 PANASONIC-2SC2636 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation)
2SC3130 PANASONIC-2SC3130 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC3354 PANASONIC-2SC3354 Datasheet
45Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC3932 PANASONIC-2SC3932 Datasheet
74Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification / oscillation / mixing)
2SC4627 PANASONIC-2SC4627 Datasheet
57Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4655 PANASONIC-2SC4655 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4809 PANASONIC-2SC4809 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC5216 PANASONIC-2SC5216 Datasheet
35Kb / 2P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC4809J PANASONIC-2SC4809J Datasheet
68Kb / 3P
For high-frequency amplification/oscillation/mixing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com