Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3DAW Datasheet(PDF) 2 Page - GAPTEC Electronic GmbH & Co. KG

Part # 3DAW
Description  3W - Dual/Single Output - Wide Input - Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

3DAW Datasheet(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG

  3DAW Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 3DAW Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 3DAW Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 3DAW Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 3DAW Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 2 of 5
3DAW_S & 3DAW_D – Rev. 2020-1.5
Specifications subject to change without notice.
3DAW_S & 3DAW_D Series
3W - Dual/Single Output - Wide Input - Isolated & Regulated
DC-DC Converter
Part Number
Input Voltage [VDC]
Nominal
Range
Max*
Output Voltage [VDC]
Output Current [mA]
Max
Min
Efficiency [%, Typ.]
Max. capacitive load**
[µF]
3DAW_0505S1.5
5
4.5-9
11
5
600
30
74
4700
3DAW_0512S1.5
5
4.5-9
11
12
250
12
77
2700
3DAW_0515S1.5
5
4.5-9
11
15
200
10
77
2200
3DAW_1203S1.5
12
9-18
22
3.3
909
46
74
4700
3DAW_1205S1.5
12
9-18
22
5
600
30
81
4700
3DAW_1212S1.5
12
9-18
22
12
250
12
83
2700
3DAW_1215S1.5
12
9-18
22
15
200
10
82
2200
3DAW_1224S1.5
12
9-18
22
24
125
6
83
1800
3DAW_2403S1.5
24
18-36
40
3.3
909
46
78
4700
3DAW_2405S1.5
24
18-36
40
5
600
30
81
4700
3DAW_2409S1.5
24
18-36
40
9
333
16
81
2700
3DAW_2412S1.5
24
18-36
40
12
250
12
86
2700
3DAW_2415S1.5
24
18-36
40
15
200
10
86
2200
3DAW_2424S1.5
24
18-36
40
24
125
6
85
1800
3DAW_4803S1.5
48
36-72
80
3.3
909
46
76
4700
3DAW_4805S1.5
48
36-72
80
5
600
30
82
4700
3DAW_4812S1.5
48
36-72
80
5
250
12
86
2700
3DAW_4815S1.5
48
36-72
80
5
200
10
86
2200
3DAW_4824S1.5
48
36-72
80
5
125
6
84
1000
3DAW_0505D1.5
5
4.5-9
11
±5
±300
±15
76
2200
3DAW_0509D1.5
5
4.5-9
11
±9
±166
±8
76
1800
3DAW_0512D1.5
5
4.5-9
11
±12
±125
±6
78
1800
3DAW_0515D1.5
5
4.5-9
11
±15
±100
±5
78
1000
3DAW_1205D1.5
12
9-18
22
±5
±300
±15
81
2200
3DAW_1209D1.5
12
9-18
22
±9
±166
±8
84
2000
3DAW_1212D1.5
12
9-18
22
±12
±125
±6
84
1800
3DAW_1215D1.5
12
9-18
22
±15
±100
±5
85
1000
3DAW_2405D1.5
24
18-36
40
±5
±300
±15
82
2200
3DAW_2412D1.5
24
18-36
40
±12
±125
±6
84
1800
3DAW_2415D1.5
24
18-36
40
±15
±100
±5
84
1000
3DAW_4805D1.5
48
36-72
80
±5
±300
±15
82
2200
3DAW_4812D1.5
48
36-72
80
±12
±125
±6
84
1800
3DAW_4815D1.5
48
36-72
80
±15
±100
±5
85
1000
3DAW_4824D1.5
48
36-72
80
±24
±62.5
±3
84
680
* Input voltage can’t exceed this value, or will cause permanent damage
** For the dual output modules, the capacitive loads of positive and negative outputs are the same.
EMC specifications
EMI
CE
CISPR22/EN55022
CLASS A (bare component)
Class B (External circuit refer to EMC recommended circuit, 2 )
EMI
RE
CISPR22/EN55022
CLASS A (bare component)
Class B (External circuit refer to EMC recommended circuit, 2 )
EMS
ESD
IEC/EN61000-4-2
Contact ±4KV
perf. Criteria B
EMS
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
EMS
EFT
IEC/EN61000-4-4
±2KV
perf. Criteria B (External circuit refer to EMC recommended circuit, 1 )
EMS
Surge
IEC/EN61000-4-5
±2KV
perf. Criteria B (External circuit refer to EMC recommended circuit, 1 )
EMS
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A
EMS
Voltage dips,
short and
interruptions
immunity
IEC/EN61000-4-29 0%-70%
perf. Criteria B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com