Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5874S Datasheet(PDF) 1 Page - Rohm

Part # 2SC5874S
Description  Medium power transistor (30V, 1.0A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5874S Datasheet(HTML) 1 Page - Rohm

  2SC5874S Datasheet HTML 1Page - Rohm 2SC5874S Datasheet HTML 2Page - Rohm 2SC5874S Datasheet HTML 3Page - Rohm 2SC5874S Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC5874S
Transistors
1/3
Medium power transistor (30V, 1.0A)
2SC5874S
!
!
!
!
Features
1) High speed switching.
(Tf : Typ. : 35ns at IC = 1.0A)
2) Low saturation voltage, typically
(Typ. : 150mV at IC = 1.0A, IB = 100mA)
3) Strong discharge power for inductive load and
capacitance load.
4) Complements the 2SA2086S
!
Applications
Small signal low frequency amplifier
High speed switching
!
!
!
!
External dimensions (Unit : mm)
Taping specifications
Symbol : C5874S
SPT
0.45
2.5
(1) (2) (3)
5.0
0.45
0.5
4.0
2.0
(1) Emitter
(2) Collector
(3) Base
!
!
!
!
Structure
NPN Silicon epitaxial planar transistor
!
!
!
!
Packaging specifications
Taping
2SC5874S
Type
TP
5000
Package
Basic ordering unit (pieces)
Code
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Parameter
V
V
V
A
A
mW
°C
°C
Symbol
VCBO
VCEO
VEBO
IC
ICP
PC
Tj
Tstg
Limits
Unit
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
DC
Pulsed
30
30
6
1.0
2.0
300
150
−55 to 150
∗1
∗2
∗1 Pw=10ms
∗2 Each terminal mounted on a recommended land


Similar Part No. - 2SC5874S

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5873S ROHM-2SC5873S Datasheet
78Kb / 4P
Medium power transistor (30V, 0.5A)
2SC5875 ROHM-2SC5875 Datasheet
98Kb / 4P
Power transistor (30V, 2A)
2SC5876 ROHM-2SC5876 Datasheet
44Kb / 4P
Medium power transistor (60V, 0.5A)
2SC5876 ROHM-2SC5876 Datasheet
68Kb / 4P
Medium power transistor (60V, 0.5A)
2SC5876 ROHM-2SC5876 Datasheet
934Kb / 4P
Medium power transistor (60V, 0.5A)
More results

Similar Description - 2SC5874S

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2048 ROHM-2SA2048 Datasheet
44Kb / 4P
Medium power transistor (-30V, -1.0A)
2SC5729 ROHM-2SC5729 Datasheet
79Kb / 4P
Medium power transistor (30V, 0.5A)
2SC5730 ROHM-2SC5730 Datasheet
57Kb / 4P
Medium power transistor (30V, 1.0A)
2SC5916 ROHM-2SC5916 Datasheet
45Kb / 4P
Medium power transistor (30V, 2A)
2SA2113 ROHM-2SA2113 Datasheet
44Kb / 4P
Medium power transistor (-30V, -2A)
2SA2047 ROHM-2SA2047 Datasheet
43Kb / 4P
MEDIUM POWER TRANSISTOR (-30V,-0.5A)
2SA2048K ROHM-2SA2048K Datasheet
43Kb / 4P
Medium power transistor (-30V, -1.0A)
2SA2086S ROHM-2SA2086S Datasheet
96Kb / 4P
Medium power transistor (-30V, -1A)
2SC5730K ROHM-2SC5730K Datasheet
59Kb / 4P
Medium power transistor (30V, 1A)
2SAR293P ROHM-2SAR293P_13 Datasheet
428Kb / 8P
PNP -1.0A -30V Middle Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com