Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1AF Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # RS1AF
Description  1A GLASS PASSIVATED SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

RS1AF Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  RS1AF Datasheet HTML 1Page - First Silicon Co., Ltd RS1AF Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1A GLASS PASSIVATED SURFACE MOUNT FAST RECOVERY RECTIFIER
Reverse Voltag 50 to 1000 Volts Forward Current 1.0 Amperes
Features
●
Glass passivated junction
●
Low forward voltage drop
●
High current capability
●
Low reverse leakage
●
High surge current capability
●
High reliablity
●
Plastic package has Underwriters
Mechanical Data
●
Case: SMA-FL molded plastic body
●
Terminals: Plated axial leads,
solderable per MIL-STD-750, method 2026
●
Polarity: Color band denotes cathode end
●
Mounting Position: Any
●
Weight: 0.0027 grams (approximate)
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
PARAMETER
SYMBOL RS1AF RS1BF RS1DF RS1GF RS1JF RS1KF RS1MF
UNITS
Maximum repetitive peak reverse voltage
V RRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
V RMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
V DC
50
100
200
400
600
800
1000
V
Average Rectified Output Current
0.375″(9.5mm) lead length
I o
1.0
A
Peak forward surge current, 8.3 mS single half sine-wave
superimposed on rated load
I FSM
30
A
Maximum instantaneous forward voltage at I o
V F
1.3
V
Maximum DC reverse current
@ TJ = 25℃
at rated DC blocking voltage
@ TJ = 100℃
I R
5
500
μA
Maximum reverse recovery time (Note 1)
t rr
150
250
500
nS
Typical junction capacitance (Note 2)
C j
15
pF
Typical thermal resistance (Note 3)
RθJA
50
℃/W
Operating junction temperature range
T J
-55 to +150
℃
Storage temperature range
T STG
-55 to +150
℃
Notes:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A.
2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
3. Thermal Resistance from Junction to Ambient 0.375”(9.5mm) lead length.
Laboratory Flammability Classification 94V-0
SEMICONDUCTOR
TECHNICAL DATA
RS1AF THRU RS1MF
2018. 04. 12
1/2
Revision No : 0


Similar Part No. - RS1AF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
RS1AF ETC2-RS1AF Datasheet
529Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
RS1AF YENYO-RS1AF Datasheet
278Kb / 2P
1.0A Fast Recovery Rectifier
logo
Microdiode Semiconducto...
RS1AF CHENDA-RS1AF Datasheet
632Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
RS1AF YFWDIODE-RS1AF Datasheet
129Kb / 3P
Surface MountFast Recovery Rectifiers
More results

Similar Description - RS1AF

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1N4933G FRONTIER-1N4933G Datasheet
126Kb / 2P
1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR10-005G FRONTIER-FR10-005G Datasheet
127Kb / 2P
1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR10-005G-LFR FRONTIER-FR10-005G-LFR Datasheet
126Kb / 2P
1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR10-005SG FRONTIER-FR10-005SG Datasheet
126Kb / 2P
1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
GOOD-ARK Electronics
FF1S GOOD-ARK-FF1S_15 Datasheet
228Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
logo
Frontier Electronics.
1N4933G FRONTIER-1N4933G_16 Datasheet
947Kb / 2P
1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR101G FRONTIER-FR101G Datasheet
1Mb / 2P
1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
GOOD-ARK Electronics
PF27 GOOD-ARK-PF27 Datasheet
383Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
R12A GOOD-ARK-R12A Datasheet
366Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
RS1510FL GOOD-ARK-RS1510FL Datasheet
378Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com