Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1AF Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # S1AF
Description  Reverse Voltage - 50 to 1000 V , Forward Current - 1 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

S1AF Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  S1AF Datasheet HTML 1Page - First Silicon Co., Ltd S1AF Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S1AF ~ S1MF
SEMICONDUCTOR
TECHNICAL DATA
2015. 09. 06
1/2
Revision No : 0
Reverse Voltage - 50 to 1000 V , Forward Current - 1 A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specied.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
(JEDEC Method)
Maximum Instantaneous Forward Voltage at 1 A
m
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Maximum Average Forward Rectified Current
at Ta = 65
°C
Maximum DC Reverse Current
Ta = 25
°C
at Rated DC Blocking Voltage
Ta =125
°C
1)
Typical Junction Capacitance
2)
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
1
30
1.1
5
50
4
180
-55 ~ +150
A
A
V
μA
pF
°C
F
S1BF
F
S1KF
Typical Thermal Resistance
RθJA
1
Measured at 1 MHz and applied reverse voltage of 4 V D.C
2
) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, P.C.B. mounted
°C/W
Cj
T , T
j
stg
y
U
FEATURES
For surface mounted applications
MECHANICAL DATA
Case: SMAF
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 27mg 0.00086oz
Low prole package
Glass Passivated Chip Juntion
Easy to pick and place
Lead free in comply with EU RoHS 2011/65/EU directives


Similar Part No. - S1AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S1AF ETC2-S1AF Datasheet
537Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
S1AF YENYO-S1AF Datasheet
204Kb / 2P
1.0A General Purpose Rectifier
logo
Microdiode Semiconducto...
S1AF CHENDA-S1AF Datasheet
646Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S1AF YFWDIODE-S1AF Datasheet
119Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
logo
SUNMATE electronic Co.,...
S1AF SUNMATE-S1AF Datasheet
463Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
More results

Similar Description - S1AF

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
1N5400G DACHANG-1N5400G Datasheet
118Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0 A
RL201 DACHANG-RL201 Datasheet
118Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0 A
RL251 DACHANG-RL251 Datasheet
117Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.5 A
RL251G DACHANG-RL251G Datasheet
118Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.5 A
logo
SHIKUES Electronics
1N4001F SKTECHNOLGY-1N4001F Datasheet
273Kb / 3P
Surface Mount General Purpose Silicon Rectifiers Reverse Voltage - 50 to 1000 V Forward Current - 1 A
1N4001G SKTECHNOLGY-1N4001G Datasheet
1Mb / 3P
Surface Mount General Purpose Silicon Rectifiers Reverse Voltage - 50 to 1000 V Forward Current - 1 A
1N4001W SKTECHNOLGY-1N4001W Datasheet
349Kb / 4P
Surface Mount General Purpose Silicon Rectifiers Reverse Voltage - 50 to 1000 V Forward Current - 1 A
S1AF SKTECHNOLGY-S1AF Datasheet
348Kb / 3P
Surface Mount General Purpose Silicon Rectifiers Reverse Voltage - 50 to 1000 V Forward Current - 1 A
logo
First Silicon Co., Ltd
S2AF FS-S2AF Datasheet
552Kb / 2P
Reverse Voltage - 50 to 1000 V , Forward Current - 2A
logo
Guangdong Youtai Semico...
1N4001 UMW-1N4001 Datasheet
124Kb / 4P
Surface Mount General Purpose Silicon Rectifiers Reverse Voltage - 50 to 1000 V Forward Current - 1 A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com