Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2EAXT Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # M2EAXT
Description  Super-mini Signal Conditioners with Display Mini-M M2E Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2EAXT Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M2EAXT Datasheet HTML 1Page - M-System Co.,Ltd. M2EAXT Datasheet HTML 2Page - M-System Co.,Ltd. M2EAXT Datasheet HTML 3Page - M-System Co.,Ltd. M2EAXT Datasheet HTML 4Page - M-System Co.,Ltd. M2EAXT Datasheet HTML 5Page - M-System Co.,Ltd. M2EAXT Datasheet HTML 6Page - M-System Co.,Ltd. M2EAXT Datasheet HTML 7Page - M-System Co.,Ltd. M2EAXT Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MODEL: M2EAXT
M2EAXT SPECIFICATIONS
ES-5152 Rev.2 Page 5/8
http://www.m-system.co.jp/
PARAMETER LIST
MODE
ITEM
SETTING PARAMETER
RANGE
UNIT
INITIAL VALUE
Basic setting
01
Lockout setting
Lock / Unlock
—
Lock
09
Temperature unit
°C / °F / K
—
°C
10
Input range
(PR)
K (CA)
E (CRC)
J (IC)
T (CC)
B (RH)
R
S
C (WRe 5-26)
N
U
L
P (Platinel II)
—
K (CA)
12
0 % input setting
(PR): 0.0 – 1740.0
K (CA): -270.0 – 1350.0
E (CRC): -270.0 – 980.0
J (IC): -210.0 – 1180.0
T (CC): -270.0 – 380.0
B (RH): 0.0 – 1800.0
R: -50.0 – 1740.0
S: -50.0 – 1740.0
C (WRe 5-26): 0.0 – 2295.0
N: -270.0 – 1280.0
U: -200.0 – 580.0
L: -200.0 – 880.0
P (Platinel II): 0.0 – 1375.0
°C
0.0
13
100 % input setting
(PR): 20.0 – 1760.0
K (CA): -250.0 – 1370.0
E (CRC): -250.0 – 1000.0
J (IC): -190.0 – 1200.0
T (CC): -250.0 – 400.0
B (RH): 20.0 – 1820.0
R: -30.0 – 1760.0
S: -30.0 – 1760.0
C (WRe 5-26): 20.0 – 2315.0
N: -250.0 – 1300.0
U: -180.0 – 600.0
L: -180.0 – 900.0
P (Platinel II): 20.0 – 1395.0
°C
1000.0
16
Input decimal point
No decimal point
The number of decimal places : 1 or 2
—
1 place of decimals
30
L1 alarm enable
Disable / Enable
—
Enable
31
L1 alarm setpoint
-99999 – 999999
*
—
200.0
32
L1 trip action
High / Low
—
Low
33
L1 deadband
0 – 999999
*
—
1.0
34
L1 coil at alarm
Energized / De-energized
—
Energized
40
L2 alarm enable
Disable / Enable
—
Enable
41
L2 alarm setpoint
-99999 – 999999
*
—
800.0 (2 points alarm)
300.0 (4 points alarm)
42
L2 trip action
High / Low
—
High (2 points alarm)
Low (4 points alarm)
43
L2 deadband
0 – 999999*
—
1.0
44
L2 coil at alarm
Energized / De-energized
—
Energized
50
L3 alarm enable
Disable / Enable
—
Enable
51
L3 alarm setpoint
-99999 – 999999
*
—
700.0
52
L3 trip action
High / Low
—
High
53
L3 deadband
0 – 999999*
—
1.0
54
L3 coil at alarm
Energized / De-energized
—
Energized



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com