Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2EAXT-3M2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M2EAXT-3M2
Description  Super-mini Signal Conditioners with Display Mini-M M2E Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2EAXT-3M2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M2EAXT-3M2 Datasheet HTML 1Page - M-System Co.,Ltd. M2EAXT-3M2 Datasheet HTML 2Page - M-System Co.,Ltd. M2EAXT-3M2 Datasheet HTML 3Page - M-System Co.,Ltd. M2EAXT-3M2 Datasheet HTML 4Page - M-System Co.,Ltd. M2EAXT-3M2 Datasheet HTML 5Page - M-System Co.,Ltd. M2EAXT-3M2 Datasheet HTML 6Page - M-System Co.,Ltd. M2EAXT-3M2 Datasheet HTML 7Page - M-System Co.,Ltd. M2EAXT-3M2 Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MODEL: M2EAXT
M2EAXT SPECIFICATIONS
ES-5152 Rev.2 Page 2/8
http://www.m-system.co.jp/
Housing material: Flame-resistant resin (gray)
Isolation: input to L1 or L4 alarm output to L2 or L3 alarm
output to power
(for output code 5, L3 alarm output and L4 alarm output is
not available)
Burnout protection: Upscale standard; downscale or no
burnout optional by programming
(Set to "None" at item [74] Burnout, when the unit is
connected with another instrument in parallel.)
Cold junction compensation: CJC sensor attached to the
input terminals
Configuration: Program with front buttons or Via PC.
Programmable features include: Refer to the parameter list.
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level
DISPLAY
Display functions: Displays and sets measured range,
engineering unit
Display size: Approx. 15.6 × 20.8 mm (0.61” × 0.82”)
Number of pixels: 68 × 95 (horizontal × vertical)
Character color: Yellow (reversing display of the current
value and the alarm setting value when alarm is tripped)
Display life: Approx. 60000 hours
(Expected time for the Display brightness to be reduced to
50 % when the Display is used continuously with brightness
setting 2 in 25 ℃)
Display type: OEL display
Display digit: Negative 5 digits, positive 6 digits (-99999 to
999999)
Decimal point position: None, number of decimal places 1 or
2
INPUT SPECIFICATIONS
Input resistance: 1 MΩ min.
Burnout sensing: ≤ 0.2 μA
Measurement rang: -5 to +105% of input setting value
Refer to the operating manual (EM-5152-B) for changing
input range, setting value.
OUTPUT SPECIFICATIONS
■ Quad Alarm
Relay rating: 100 V AC @ 1 A (cos ø = 1)
120 V AC @ 1 A (cos ø = 1)
240 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 1 A (resistive load)
Maximum switching voltage: 250 V AC or 125 V DC
Maximum switching power: 120 VA or 30 W
Minimum load: 5 V DC @ 10 mA
Mechanical life: 5 × 107 cycles
■ DUAL ALARM
Relay rating: 100 V AC @ 4 A (cos ø = 1)
120 V AC @ 4 A (cos ø = 1)
240 V AC @ 2 A (cos ø = 1)
30 V DC @ 4 A (resistive load)
Maximum switching voltage: 250 V AC or 125 V DC
Maximum switching power: 480 VA or 150 W
Minimum load: 5 V DC @ 10 mA
Mechanical life: 5 × 107 cycles
0
50
100
Input
%
LL
L
HH
H
L2 (5–7)
L3 (5–8)
L4 (3–9)
L1 (3–6)
ON
ON
OFF
ON
ON
OFF
OFF
OFF
• Example
Quad N.O. contacts (LL, L, H, HH)
Alarm Trip Operation
Terminal No. in parentheses
Trip operation in power failure
Output code 2 : All relays turn OFF.
Output code 3 : All relays turn ON.
Output code 5 : Terminals 3 – 9, 5 – 8 turn ON.
INSTALLATION
Power Consumption
•AC:
Max. 6 VA at 100 V
Max. 7 VA at 200 V
Max. 8 VA at 264 V
•DC: ≤ 2.5 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 10 to 85 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 200 g (0.44 lb)
PERFORMANCE in percentage of FS input
Accuracy: [Table 1 Accuracy value or ±0.1 % of span,
whichever is greater + Cold Junction Compensation Error
0.5°C (0.9°F)] ±1 digit.
See CALCULATION EXAMPLES OF OVERALL ACCURACY.
Cold junction compensation error:
±0.5°C at 25 ±10°C
±0.9°F at 77 ±18°F
(The described accuracy may be partially not
satisfied when the input temperature is below 0°C. Consult
factory.)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time (Filter time constant: 0 sec.): ≤ 0.5 sec.
(0 – 100 % at 90 % setpoint)
Burnout response: ≤ 10 sec.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com