Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2EAXM-3P Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # M2EAXM-3P
Description  Super-mini Signal Conditioners with Display Mini-M M2E Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2EAXM-3P Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M2EAXM-3P Datasheet HTML 1Page - M-System Co.,Ltd. M2EAXM-3P Datasheet HTML 2Page - M-System Co.,Ltd. M2EAXM-3P Datasheet HTML 3Page - M-System Co.,Ltd. M2EAXM-3P Datasheet HTML 4Page - M-System Co.,Ltd. M2EAXM-3P Datasheet HTML 5Page - M-System Co.,Ltd. M2EAXM-3P Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL: M2EAXM
M2EAXM SPECIFICATIONS
ES-5153 Rev.1 Page 5/6
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
29 (1.14)
94 (3.70)
8
(.31)
124 (4.88)
22 (.87)
6 (.23)
11–M3
SCREW
29.5 (1.16)
2–4.2x5
(.17x.20)
MTG HOLE
6 (.24) deep
DIN RAIL
35mm wide
[4 (.16)]
• When mounting, no extra space is needed between units.
4
8 7
10
11
5
6
1
2
3
9
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Low Drift
Amplifie
& Burnout
r
Digital
Computation
Circuit
Digital
Computation
Circuit
Display
Circuit
CONTROL
SW
Display
Circuit
CONTROL
SW
RY
RY
RY
RY
RY
RY
■ OUTPUT CODE 2: N.O. RELAY
■ OUTPUT CODE 3: N.C. RELAY
■ OUTPUT CODE 5: SPDT RELAY
Inductive
Load (Coil)
Inductive
Load (Coil)
Varistor or Spark
Quenching Circuit
U
1
2
4
1
JACK
JACK
CONFIGURATOR
CONFIGURATOR
U(+)
V(–)
POWER
10
11
6
9
3
7
8
5
L4 OUTPUT
L1 OUTPUT
COM
L3 OUTPUT
L2 OUTPUT
COM
6
9
3
7
8
5
L4 OUTPUT
L1 OUTPUT
COM
L3 OUTPUT
L2 OUTPUT
COM
Base Socket
Base Socket
U(+)
V(–)
POWER
10
11
6
9
3
7
8
5
L2 OUTPUT
L1 OUTPUT
N.C.
N.O.
COM
N.C.
N.O.
COM
LOAD
LOAD
• DC Powered
Diode, Varistor or
CR Circuit
■ Relay Protection
• AC Powered
3
2
1
max.
min.
POTENTIOMETER
+
–
Low Drift
Amplifie
& Burnout
r
1
2
4
1
3
2
1
max.
min.
POTENTIOMETER
+
–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com