Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2EAXT-5M2/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M2EAXT-5M2/Q
Description  Super-mini Signal Conditioners with Display Mini-M M2E Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2EAXT-5M2/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M2EAXT-5M2/Q Datasheet HTML 1Page - M-System Co.,Ltd. M2EAXT-5M2/Q Datasheet HTML 2Page - M-System Co.,Ltd. M2EAXT-5M2/Q Datasheet HTML 3Page - M-System Co.,Ltd. M2EAXT-5M2/Q Datasheet HTML 4Page - M-System Co.,Ltd. M2EAXT-5M2/Q Datasheet HTML 5Page - M-System Co.,Ltd. M2EAXT-5M2/Q Datasheet HTML 6Page - M-System Co.,Ltd. M2EAXT-5M2/Q Datasheet HTML 7Page - M-System Co.,Ltd. M2EAXT-5M2/Q Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MODEL: M2EAXT
M2EAXT SPECIFICATIONS
ES-5152 Rev.2 Page 3/8
http://www.m-system.co.jp/
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute (input to L1 or L4
alarm output to L2 or L3 alarm output to power to ground)
(for output code 5, L3 alarm output and L4 alarm output is
not available)
CALCULATION EXAMPLES OF OVERALL ACCURACY
[Example]
Input Range (PR) thermocouple, 0 – 1600°C
1) Absolute value accuracy (Table 1): 2.00°C
2) Convert to %, 2.00°C ÷ 1600°C = 0.125 % of span
3) 0.125 % > 0.1 % of span. ➠ 0.125 % is selected.
4) CJC error (0.5°C) added: 0.175 % of span
Accuracy = ±(0.175% of span + 1 digit)
[Table 1]
INPUT RANGE
°C
MINIMUM SPAN
SETTING RANGE
ACCURACY
CONFORMANCE RANGE
(PR)
20
0 to
1760
±2.00
0 to
1760
K (CA)
20
-270 to +1370
±1.00
-150 to +1370
E (CRC)
20
-270 to +1000
±1.00
-170 to +1000
J (IC)
20
-210 to +1200
±1.00
-180 to +1200
T (CC)
20
-270 to
+400
±1.00
-170 to
+400
B (RH)
20
0 to
1820
±2.00
400 to
1760
R
20
-50 to +1760
±2.00
200 to
1760
S
20
-50 to +1760
±2.00
0 to
1760
C (WRe 5-26)
20
0 to
2315
±2.00
0 to
2315
N
20
-270 to +1300
±1.00
-130 to +1300
U
20
-200 to
+600
±1.00
-200 to
+600
L
20
-200 to
+900
±1.00
-200 to
+900
P (Platinel II)
20
0 to
1395
±1.00
0 to
1395
INPUT RANGE
°F
MINIMUM SPAN
SETTING RANGE
ACCURACY
CONFORMANCE RANGE
(PR)
36
32 to
3200
±3.60
32 to
3200
K (CA)
36
-454 to +2498
±1.80
-238 to +2498
E (CRC)
36
-454 to +1832
±1.80
-274 to +1832
J (IC)
36
-346 to +2192
±1.80
-292 to +2192
T (CC)
36
-454 to
+752
±1.80
-274 to
+752
B (RH)
36
32 to
3308
±3.60
752 to
3200
R
36
-58 to +3200
±3.60
392 to
3200
S
36
-58 to +3200
±3.60
32 to
3200
C (WRe 5-26)
36
32 to
4199
±3.60
32 to
4199
N
36
-454 to +2372
±1.80
-202 to +2372
U
36
-328 to +1112
±1.80
-328 to +1112
L
36
-328 to +1652
±1.80
-328 to +1652
P (Platinel II)
36
32 to
2543
±1.80
32 to
2543
INPUT RANGE
K
MINIMUM SPAN
SETTING RANGE
ACCURACY
CONFORMANCE RANGE
(PR)
20
273.15 to 2033.15
±2.00
273.15 to 2033.15
K (CA)
20
3.15 to 1643.15
±1.00
123.15 to 1643.15
E (CRC)
20
3.15 to 1273.15
±1.00
103.15 to 1273.15
J (IC)
20
63.15 to 1473.15
±1.00
93.15 to 1473.15
T (CC)
20
3.15 to
673.15
±1.00
103.15 to
673.15
B (RH)
20
273.15 to 2093.15
±2.00
673.15 to 2033.15
R
20
223.15 to 2033.15
±2.00
473.15 to 2033.15
S
20
223.15 to 2033.15
±2.00
273.15 to 2033.15
C (WRe 5-26)
20
273.15 to 2588.15
±2.00
273.15 to 2588.15
N
20
3.15 to 1573.15
±1.00
143.15 to 1573.15
U
20
73.15 to
873.15
±1.00
73.15 to
873.15
L
20
73.15 to 1173.15
±1.00
73.15 to 1173.15
P (Platinel II)
20
273.15 to 1668.15
±1.00
273.15 to 1668.15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com