Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFD2N90 Datasheet(PDF) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # HFD2N90
Description  N-Channel MOSFET uses advanced trench technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

HFD2N90 Datasheet(HTML) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  HFD2N90 Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. HFD2N90 Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. HFD2N90 Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. HFD2N90 Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. HFD2N90 Datasheet HTML 5Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.doingter.cn
—
—
RƟJA
Thermal Resistance Junction to mbient
110
Electrical Characteristics:(TA=25℃ unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Sourtce Breakdown Voltage
VGS=0V,ID=250μA
900
---
---
V
IDSS
Zero Gate Voltage Drain Current
VGS=0V, VDS=900V
---
---
10
μ
A
VDS=720V,
TJ=125℃
---
---
100
μ
A
IGSS
Gate-Source Leakage Current
VGS=±30V, VDS=0A
---
---
±
100
nA
On Characteristics
VGS(th)
GATE-Source Threshold Voltage
VGS=VDS, ID=250μA
3
---
5
V
RDS(ON)
Drain-Source On Resistance
VGS=10V,ID=1A
---
4.2
6
Ω
Dynamic Characteristics
Ciss
Input Capacitance
VDS=25V, VGS=0V, f=1MHz
---
705
---
pF
Coss
Output Capacitance
---
43
---
Crss
Reverse Transfer Capacitance
---
4.8
---
Switching Characteristics
td(on)
Turn-On Delay Time
VDD=450V,ID=2A,
RG=25Ω(Note 3,4)
---
15
40
ns
tr
Rise Time
---
35
80
ns
td(off)
Turn-Off Delay Time
---
20
50
ns
tf
Fall Time
---
30
70
ns
Qg
Total Gate Charge
VGS=10V, VDS=720V,
ID=2A(Note 3,4)
---
12
15
nC
Qgs
Gate-Source Charge
---
2.8
---
nC
Qgd
Gate-Drain “Miller” Charge
---
6.1
---
nC
Drain-Source Diode Characteristics
℃
/W
2
HFD2N90



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com