Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3TAW Datasheet(PDF) 4 Page - GAPTEC Electronic GmbH & Co. KG

Part # 3TAW
Description  3W - Single Output - Wide Input - Isolated & Regulated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

3TAW Datasheet(HTML) 4 Page - GAPTEC Electronic GmbH & Co. KG

  3TAW Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 3TAW Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 3TAW Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 3TAW Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 4 of 4
3TAW – Rev. 2012-1.0
Specifications subject to change without notice.
3TAW Series
3W - Single Output - Wide Input - Isolated & Regulated
DC-DC Converter
Application notes
No external capacitance is required for operation of the 3TXW series.
To meet the reflected ripple requirements of the converter, an input im-
pedance of less than 0.5Ω from DC to 100KHz is required.
External output capacitance is not required for operation, however it is
recommended that 10uF tantalum and 0.1uF ceramic capacitance be
selected for reduced system noise.
Additional output capacitance may be added for increased filtering, but
should not exceed 1000uF.
We Can Offer EMC-Filter According To EN55011/22 Class B.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com