Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3940 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC3940
Description  Silicon NPN epitaxial planer type(For low-frequency output amplification and driver amplification)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3940 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC3940 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3940 Datasheet HTML 2Page - Panasonic Semiconductor 2SC3940 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transistor
2SC3940, 2SC3940A
Silicon NPN epitaxial planer type
For low-frequency output amplification and driver amplification
Complementary to 2SA1534 and 2SA1534A
s Features
q
Low collector to emitter saturation voltage VCE(sat).
q
Allowing supply with the radial taping.
s Absolute Maximum Ratings (Ta=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
30
60
25
50
5
1.5
1
1
150
–55 ~ +150
Unit
V
V
V
A
A
W
˚C
˚C
2SC3940
2SC3940A
2SC3940
2SC3940A
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base
voltage
Collector to emitter
voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
VCBO
VCEO
VEBO
hFE1
*1
hFE2
VCE(sat)
VBE(sat)
fT
Cob
Conditions
VCB = 20V, IE = 0
IC = 10µA, IE = 0
IC = 2mA, IB = 0
IE = 10µA, IC = 0
VCE = 10V, IC = 500mA
*2
VCE = 5V, IB = 1A
*2
IC = 500mA, IB = 50mA
*2
IB = 500mA, Ia = 50mA
*2
VCB = 10V, IE = –50mA, f = 200MHz
VCB = 10V, IE = 0, f = 1MHz
min
30
60
25
50
5
85
50
typ
0.2
0.85
200
11
max
0.1
340
0.4
1.2
20
Unit
µA
V
V
V
V
V
MHz
pF
Unit: mm
1:Emitter
2:Collector
3:Base
TO–92NL Package
5.0
±0.2
1.27
123
1.27
4.0
±0.2
0.45
+0.15
–0.1
0.45
+0.15
–0.1
0.7
±0.1
2.54
±0.15
2SC3940
2SC3940A
2SC3940
2SC3940A
*1h
FE1 Rank classification
Rank
Q
R
S
hFE1
85 ~ 170
120 ~ 240
170 ~ 340
*2 Pulse measurement


Similar Part No. - 2SC3940

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3941 PANASONIC-2SC3941 Datasheet
46Kb / 3P
Silicon PNP epitaxial planer type
2SC3941 PANASONIC-2SC3941 Datasheet
47Kb / 3P
Silicon NPN triple diffusion planer type(For high breakdown voltage general amplification)
2SC3942 PANASONIC-2SC3942 Datasheet
42Kb / 2P
Silicon NPN triple diffusion planar type(For color TV chroma output)
logo
Inchange Semiconductor ...
2SC3942 ISC-2SC3942 Datasheet
242Kb / 2P
isc Silicon NPN Power Transistor
logo
Foshan Blue Rocket Elec...
2SC3942 FOSHAN-2SC3942 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
More results

Similar Description - 2SC3940

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1317 PANASONIC-2SC1317 Datasheet
67Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SC1383 PANASONIC-2SC1383 Datasheet
47Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SC3939 PANASONIC-2SC3939 Datasheet
47Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SC4208 PANASONIC-2SC4208 Datasheet
47Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency output amplification and driver amplification)
2SC4606 PANASONIC-2SC4606 Datasheet
48Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SD1994A PANASONIC-2SD1994A Datasheet
69Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SD2074 PANASONIC-2SD2074 Datasheet
44Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2177 PANASONIC-2SD2177 Datasheet
59Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2177A PANASONIC-2SD2177A Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD592 PANASONIC-2SD592 Datasheet
46Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com