Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCE2301 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LCE2301
Description  LCE P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LCE2301 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LCE2301 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE2301 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE2301 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE2301 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE2301 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE2301 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Gate-Body Leakage Current
IGSS
VGS=±12V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-0.4
-0.7
-1
V
VGS=-4.5V, ID=-3A
-
64
110
mΩ
Drain-Source On-State Resistance
RDS(ON)
VGS=-2.5V, ID=-2A
-
89
140
mΩ
Forward Transconductance
gFS
VDS=-5V,ID=-2A
5
-
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
-
405
-
PF
Output Capacitance
Coss
-
75
-
PF
Reverse Transfer Capacitance
Crss
VDS=-10V,VGS=0V,
F=1.0MHz
-
55
-
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
11
-
nS
Turn-on Rise Time
tr
-
35
-
nS
Turn-Off Delay Time
td(off)
-
30
-
nS
Turn-Off Fall Time
tf
VDD=-10V,ID=-1A
VGS=-4.5V,RGEN=10Ω
-
10
-
nS
Total Gate Charge
Qg
-
3.3
12
nC
Gate-Source Charge
Qgs
-
0.7
-
nC
Gate-Drain Charge
Qgd
VDS=-10V,ID=-3A,
VGS=-2.5V
-
1.3
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS=1.3A
-
-
-1.2
V
Diode Forward Current
(Note 2)
IS
-
-
-3
A
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2 .
%
4. Guaranteed by design, not subject to production
LCE2301
Rev : 01.06.2014
2/6
www.leiditech.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com