Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3941 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC3941
Description  Silicon NPN triple diffusion planer type(For high breakdown voltage general amplification)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3941 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC3941 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3941 Datasheet HTML 2Page - Panasonic Semiconductor 2SC3941 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transistor
2SC3941
Silicon NPN triple diffusion planer type
For high breakdown voltage general amplification
For small TV video output
Complementary to 2SB1221
s Features
q
High collector to emitter voltage VCEO.
q
High transition frequency fT.
q
Allowing supply with the radial taping.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
TO–92NL Package
5.0
±0.2
1.27
123
1.27
4.0
±0.2
0.45
+0.15
–0.1
0.45
+0.15
–0.1
0.7
±0.1
2.54
±0.15
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
300
300
7
100
70
1
150
–55 ~ +150
Unit
V
V
V
mA
mA
W
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
VCEO
VEBO
hFE
*
VCE(sat)
fT
Cob
Conditions
VCB = 100V, IE = 0
IC = 100µA, IB = 0
IE = 1µA, IC = 0
VCB = 10V, IC = 5mA
IC = 50mA, IB = 5mA
VCB = 10V, IE = –10mA, f = 200MHz
VCB = 10V, IE = 0, f = 1MHz
min
300
7
30
50
typ
80
4
max
2
220
1.2
8
Unit
µA
V
V
V
MHz
pF
*h
FE Rank classification
Rank
P
Q
R
hFE
30 ~ 100
60 ~ 150
100 ~ 220


Similar Part No. - 2SC3941

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3941 PANASONIC-2SC3941 Datasheet
46Kb / 3P
Silicon PNP epitaxial planer type
More results

Similar Description - 2SC3941

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1573 PANASONIC-2SC1573 Datasheet
47Kb / 3P
Silicon NPN triple diffusion planer type(For high breakdown voltage general amplification)
2SC2632 PANASONIC-2SC2632 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification)
2SC5018 PANASONIC-2SC5018 Datasheet
36Kb / 2P
Silicon NPN triple diffusion planer type(For high breakdown voltage high-speed switching)
2SC5419 PANASONIC-2SC5419 Datasheet
39Kb / 2P
Silicon NPN triple diffusion planer type(For low-frequency output amplification)
2SD1385 PANASONIC-2SD1385 Datasheet
37Kb / 2P
Silicon NPN triple diffusion planer type(For low-frequency output amplification)
2SD2413 PANASONIC-2SD2413 Datasheet
37Kb / 2P
Silicon NPN triple diffusion planer type(For low-frequency output amplification)
2SD2420 PANASONIC-2SD2420 Datasheet
45Kb / 1P
Silicon NPN triple diffusion planer type Darlington(For power amplification)
2SD2530 PANASONIC-2SD2530 Datasheet
45Kb / 1P
Silicon NPN triple diffusion planer type Darlington(For power amplification)
2SD2538 PANASONIC-2SD2538 Datasheet
45Kb / 1P
Silicon NPN triple diffusion planer type Darlington(For power amplification)
2SD662 PANASONIC-2SD662 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For high breakdown voltage general amplification)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com