Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6DAMW4 Datasheet(PDF) 2 Page - GAPTEC Electronic GmbH & Co. KG

Part # 6DAMW4
Description  6W - Single Output - 4:1 Ultra Wide Input - Isolated & Regulated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

6DAMW4 Datasheet(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG

  6DAMW4_6 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 6DAMW4_6 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 6DAMW4_6 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 6DAMW4_6 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 2 of 4
6DAMW4_6 – Rev. 2020-1.2
Specifications subject to change without notice.
6DAMW4_6 series
6W - Single Output - 4:1 Ultra Wide Input - Isolated & Regulated
DIP DC-DC Converter
Part Number
Input Voltage [VDC]
Nominal
Range
Max*
Output Voltage [VDC]
Current [mA]
Max
Min
Efficiency [%, @full load]
Min/Typ
Capacative Load
[µF, max]
6DAMW4_2405S6
24
9-36
40
5
1200
0
79/81
2700
6DAMW4_2406S6
24
9-36
40
6
1000
0
79/81
2200
6DAMW4_2409S6
24
9-36
40
9
667
0
81/83
1800
6DAMW4_2412S6
24
9-36
40
12
500
0
82/84
1000
6DAMW4_2415S6
24
9-36
40
15
400
0
83/85
680
6DAMW4_2418S6
24
9-36
40
18
333
0
83/85
1200
6DAMW4_2424S6
24
9-36
40
24
250
0
82/84
470
6DAMW4_4805S6
48
18-75
80
5
1200
0
79/81
2700
6DAMW4_4809S6
48
18-75
80
9
667
0
81/83
1800
6DAMW4_4812S6
48
18-75
80
12
500
0
82/84
1000
6DAMW4_4815S6
48
18-75
80
15
400
0
83/85
680
6DAMW4_4824S6
48
18-75
80
24
250
0
82/84
470
* Absolute maximum rating without damage on the converter, but it isn't recommended.
EMC specifications
EMI
CE
CISPR32/EN55032
CLASS A
(bare component)
EMS
ESD
IEC/EN61000-4-2
Contact ±6KV
perf. Criteria B
EMS
EFT
IEC/EN61000-4-4
±2KV
perf. Criteria B
(External Circuit Refer to recommended circuit, ①)
EMS
Surge
IEC/EN61000-4-5
±2KV
perf. Criteria B
(External Circuit Refer to recommended circuit, ①)
EMS
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A
EMS
Voltage dips, short and
interruptions immunity
IEC/EN61000-4-29
0%-70%
perf. Criteria B
Typical characteristics
Typical application
All the DC/DC converters of this series are tested according to the
recommended circuit (see Fig. 1) before delivery.
If it is required to further reduce input and output ripple, properly in-
crease the input & output of additional capacitors Cin and Cout or
select capacitors of low equivalent impedance provided that the capa-
citance is no larger than the max. capacitive load of the product.
Figure 1
Operating temperature (°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com