Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2118908-2 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 2118908-2
Description  Wi-Fi 6/ 6E TRIPLE BAND ON BOARD ANTENNA
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2118908-2 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  2118908-2 Datasheet HTML 1Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 2Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 3Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 4Page - TE Connectivity Ltd 2118908-2 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Azimuth
Elevation 2
Elevation 1
Test setup
RADIATION PATTERN
0°
90°
0°
90°
Z
Y
X
Azimuth Plane
Elevation 1 Plane
Elevation 2 Plane
Data measured in free space and on reference ground plane of 33 mm
length and 35 mm width, application data might vary
DATA AND DEVICES /// WI-FI 6/ 6E TRIPLE BAND ON BOARD ANTENNA
Wi-Fi 6/ 6E TRIPLE BAND ON BOARD ANTENNA
Standard Antenna Solutions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com