Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF166 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # HCF166
Description  Aluminium Housed Braking Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HCF166 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  HCF166 Datasheet HTML 1Page - TE Connectivity Ltd HCF166 Datasheet HTML 2Page - TE Connectivity Ltd HCF166 Datasheet HTML 3Page - TE Connectivity Ltd HCF166 Datasheet HTML 4Page - TE Connectivity Ltd HCF166 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Aluminium Housed Braking Resistor
1773309-3 Rev. B 06/2020
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
HCF110 (continued)
Type
Value
Ω
Power
Rating @
40°C
Pulse load (W) 40°C 120s Duty Cycle
1.2s Pulse
7.2s Pulse
48s Pulse
HCF110
150
100
1600
850
245
HCF110
220
100
1600
875
245
HCF110
330
100
1600
850
245
HCF110
470
100
1600
850
245
HCF110
680
100
1600
910
245
HCF110
1000
100
1200
800
175
HCF166
Type
Value
Ω
Power
Rating @
40°C
Pulse load (W) 40°C 120s Duty Cycle
1.2s Pulse
7.2s Pulse
48s Pulse
HCF166
10
160
5700
1650
390
HCF166
22
160
5700
1650
390
HCF166
33
160
5700
1600
390
HCF166
47
160
5700
1650
390
HCF166
68
160
5700
1600
390
HCF166
100
160
5000
1500
390
HCF166
150
160
5000
1500
390
HCF166
220
160
5000
1500
390
HCF166
330
160
5000
1500
390
HCF166
470
160
4500
1500
390
HCF166
680
160
4000
1500
390
HCF166
1000
160
3500
1500
390
HCF216
Type
Value
Ω
Power
Rating @
40°C
Pulse load (W) 40°C 120s Duty Cycle
1.2s Pulse
7.2s Pulse
48s Pulse
HCF216
10
200
10500
2200
500
HCF216
22
200
8800
2200
500
HCF216
33
200
8800
2200
500
HCF216
47
200
8800
2200
500
HCF216
68
200
8800
2200
500
HCF216
100
200
8800
2200
500
HCF216
150
200
7000
2200
500
HCF216
220
200
7000
2200
500
HCF216
330
200
7000
2200
500
HCF216
470
200
7000
2200
500
HCF216
680
200
7000
2200
500
HCF216
1000
200
5000
2000
500



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com