Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4T-2-M2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # AS4T-2-M2
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AS4T-2-M2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  AS4T-2-M2 Datasheet HTML 1Page - M-System Co.,Ltd. AS4T-2-M2 Datasheet HTML 2Page - M-System Co.,Ltd. AS4T-2-M2 Datasheet HTML 3Page - M-System Co.,Ltd. AS4T-2-M2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: AS4T
AS4T SPECIFICATIONS
ES-1608 Rev.16 Page 2/4
https://www.m-system.co.jp/
PV indication: Temperature in engineering unit
Overrange indication: LEDs blinking
Power saving mode: Displays turn off if the keys are
untouched for a preset time period
LEDs: Red LEDs turn on when coils are energized.
(L1 and L2 for 2-point alarm. L1, L2, L3 and L4 for 4-point
alarm.)
INPUT SPECIFICATIONS
Input resistance: 1 MΩ min.
Burnout sensing: 45 nA ±10 %
Default setting: K (CA) -100.0 – +999.9°C
Minimum step:
-199.9 to 999.9: 0.1
Not greater than -200, not lower than 1000: 1
Temperature range
T/C
USABLE RANGE
CONFORMANCE
LIMIT
°C
°F
°C
°F
(PR) *
K (CA) *
E (CRC) *
-52 to +1860
-272 to +1472
-272 to +1020
-61.6 to +3380
-458 to +2682
-458 to +1868
150
-200
-200
302
-328
-328
J (IC)
T (CC) *
B (RH) *
-260 to +1300
-272 to +500
24 to 1920
-436 to +2372
-458 to +932
75.2 to 3488
-260
-200
450
-436
-328
842
R *
S *
C (WRe 5-26)
-100 to +1860
-100 to +1860
-52 to +2416
-148 to +3380
-148 to +3380
-61.6 to +4381
150
150
-52
302
302
-61.6
N
U
L
P (Platinel II)
-272 to +1400
-252 to +600
-252 to +1000
-52 to +1496
-458 to +2552
-422 to +1112
-422 to +1832
-61.6 to +2725
-200
-252
-252
-52
-328
-422
-422
-61.6
* For temperatures ranges near the lower limit of the usable range,
the transmitter may not satisfy the described accuracy.
OUTPUT SPECIFICATIONS
■ Quad Alarm
Relay rating:
120 V AC @ 1 A (cos ø = 1)
240 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 1 A (resistive load)
Maximum switching voltage(Note): 380 V AC or 125 V DC
Maximum switching power(Note): 120 VA or 30 W
Minimum load: 5 V DC @ 10 mA
Mechanical life: 5 × 107 cycles
■ Dual Alarm
Relay rating:
120 V AC @ 5 A (cos ø = 1)
240 V AC @ 2.5 A (cos ø = 1)
30 V DC @ 5 A (resistive load)
Maximum switching voltage(Note): 380 V AC or 125 V DC
Maximum switching power(Note): 600 VA or 150 W
Minimum load: 5 V DC @ 10 mA
Mechanical life: 5 × 107 cycles
(Note): The value indicate capacity of output relay in
equipment.
Use within relay rating for EU and UL.
0
50
100
▲
Input
(%)
LL
L
▲
▲
HH
H
L2 (1–2)
ON
▲
L3 (1–3)
ON
L4 (9–11)
ON
OFF
OFF
L1 (9–10)
ON
OFF
OFF
Alarm Trip Operation
Terminal No. in parentheses
Example with quad N.O. contacts (LL, L, H, HH)
Trip Operation in Power Failure
• Output code 2: All relays turn off.
• Output code 3: All relays turn on.
• Output code 5: Terminals 1 – 3, 9 – 11 turn on.
INSTALLATION
Power consumption
•AC: ≤ 6 VA
•DC: ≤ 3.5 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 500 g (1.1 lb)
PERFORMANCE in percentage of FS input
Setpoint accuracy (trip point accuracy): ±(0.1 % of FS + 1
digit)
Display accuracy: ±(0.1 % of FS + 1 digit)
Cold junction compensation error: ±0.5°C or ±0.9°F
(at 20°C ±10°C or 68°F ±18°F)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 1.5 sec. (0 – 100 % at 90 % setpoint)
Burnout response: ≤ 5 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (output)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com