Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABM2-R4WRA1-M2 Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # ABM2-R4WRA1-M2
Description  Final Control Elements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ABM2-R4WRA1-M2 Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  ABM2-R4WRA1-M2 Datasheet HTML 1Page - M-System Co.,Ltd. ABM2-R4WRA1-M2 Datasheet HTML 2Page - M-System Co.,Ltd. ABM2-R4WRA1-M2 Datasheet HTML 3Page - M-System Co.,Ltd. ABM2-R4WRA1-M2 Datasheet HTML 4Page - M-System Co.,Ltd. ABM2-R4WRA1-M2 Datasheet HTML 5Page - M-System Co.,Ltd. ABM2-R4WRA1-M2 Datasheet HTML 6Page - M-System Co.,Ltd. ABM2-R4WRA1-M2 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MODEL: ABM2
ABM2 SPECIFICATIONS
ES-2622 Rev.5 Page 5/7
https://www.m-system.co.jp/
120
100
50
0
-50
-100
-120
0
0
0.5
1
1.5
2
2.59
5
10
15
20
250
200
150
100
50
0
-50
-100
-150
-200
-250
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.49
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
0
100
200
300
400
500
550
0
1
2
3
4
5
6
7
8
9
10
10.9
cm
CAS
OUT
MAN
IND
CAS / Z
MV / DZ
INF.
PV / S
• Type 3: 2.0 Scale Span < 2.6
Number of divisions: 32 to 41.9
Scale: Starts at 0, increments in 0.05 / 0.5 / 5 / 50 / 500.
Min. and max. values are indicated.
4 digits including negative sign and decimal point.
Division lines: Long, Short, Medium, Short, Medium,
Short, Medium, Short, Long
(8 divisions repeating)
• Type 5: 5.5 Scale Span < 11.0
Number of divisions: 22 to 43.9
Scale: Starts at 0, increments in 0.01 / 0.1 / 1 / 10 / 100 / 1000.
Min. and max. values are indi-cated.
4 digits including negative sign and decimal point.
Division lines: Long, Medium, Medium, Medium, Long
(4 divisions repeating)
• Type 4: 2.6 Scale Span < 5.5
Number of divisions: 21 to 43.9
Scale: Starts at 0, increments in 0.05 / 0.5 / 5 / 50 / 500.
Min. and max. values are indicated.
4 digits including negative sign and decimal point.
Division lines: Long, Medium, Medium, Medium, Long
(4 divisions repeating)
Minimum
Divisions
Maximum
Divisions
Bipolar
Scale
Minimum
Divisions
Maximum
Divisions
Bipolar
Scale
Minimum
Divisions
Maximum
Divisions
Bipolar
Scale
[Example] : Bargraph range 0 to 260 cm (Type 4)
scale range: 0 – 260
scale unit (bargraph): cm
0
50
100
150
200
260
0
50
100
150
200
260



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com