Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93L09DMQB Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 93L09DMQB
Description  Dual 4-Input Multiplexer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

93L09DMQB Datasheet(HTML) 3 Page - National Semiconductor (TI)

  93L09DMQB Datasheet HTML 1Page - National Semiconductor (TI) 93L09DMQB Datasheet HTML 2Page - National Semiconductor (TI) 93L09DMQB Datasheet HTML 3Page - National Semiconductor (TI) 93L09DMQB Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Switching Characteristics VCC ea50V TA ea25 C
Symbol
Parameter
CL e 15 pF
Units
Min
Max
tPLH
Propagation Delay
70
ns
tPHL
S0 to Za
60
tPLH
Propagation Delay
55
ns
tPHL
S0 to Za
50
tPLH
Propagation Delay
70
ns
tPHL
I0 to Za
65
tPLH
Propagation Delay
40
ns
tPHL
S0 to Za
60
Functional Description
The 93L09 dual 4-input multiplexers are able to select two
bits of either HIGH or LOW data or control from up to four
sources in one package The 93L09 is the logical imple-
mentation of two-pole four-position switch with the position
of the switch being set by the logic levels supplied to the
two select inputs Both assertion and negation outputs are
provided for both multiplexers The logic equations for the
outputs are shown below
Za e I0a
 S1  S0 a I1a  S1  S0 a I2a  S1  S0 a I3a  S1  S0
Zb e I0b
 S1  S0 a I1b  S1  S0 a I2a  S1  S0 a I3b  S1  S0
The 93L09 is frequently used to move data from a group of
registers to a common output bus The particular register
from which the data came would be determined by the state
of the select inputs A less obvious application is as a func-
tion generator The 93L09 can generate two functions of
three variables This is useful for implementing random gat-
ing functions
Truth Table
Select
Inputs
Outputs
Inputs
(a or b)
(a or b)
S0
S1
I0
I1
I2
I3
Z
Z
L
L
L
XXX
L
H
L
L
H
XXX
H
L
H
L
XLX
X
L
H
H
L
XHX
X
H
L
L
H
X
XLX
L
H
L
H
X
XHX
H
L
H
H
XXX
L
L
H
H
H
XXX
H
H
L
H e HIGH voltage level
L e LOW voltage level
X e Immaterial
Logic Diagram
TLF9602 – 3
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com