Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2301 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM2301
Description  P-Channel Enhancement-Mode MOS FETs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM2301 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM2301 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2301 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2301 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
■
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS 電特性
(TA=25℃ unless otherwise noted 如無特殊說明,溫度爲 25℃)
Characteristic
特性參數
Symbol
符號
Min
最小值
Typ
典型值
Max
最大值
Unit
單位
Drain-Source Breakdown Voltage
漏極-源極擊穿電壓(ID = -250uA,VGS=0V)
BVDSS
-20
—
—
V
Gate Threshold Voltage
栅極開启電壓(ID = -250uA,VGS= VDS)
VGS(th)
-0.5
—
-1.5
V
Diode Forward Voltage Drop
内附二極管正向壓降(IS= -0.75A,VGS=0V)
VSD
—
—
-1.5
V
Zero Gate Voltage Drain Current
零栅壓漏極電流(VGS=0V, VDS= -16V)
(VGS=0V, VDS= -16V, TA
=55℃)
IDSS
—
—
-1
-10
u
A
Gate Body Leakage
栅極漏電流(VGS=+10V, VDS=0V)
IGSS
—
—
+100
n
A
Static Drain-Source On-State Resistance
静态漏源導通電阻(ID= -2.8A,VGS= -4.5V)
RDS(ON)
—
—
100
mΩ
Static Drain-Source On-State Resistance
静态漏源導通電阻(ID= -2A,VGS= -2.5V)
RDS(ON)
—
—
120
mΩ
Input Capacitance 輸入電容
(VGS=0V, VDS= -10V,f=1MHz)
CISS
—
600
—
pF
Output Capacitance 輸出電容
(VGS=0V, VDS= -10V,f=1MHz)
COSS
—
120
—
pF
Turn-ON Time 开启時間
(VDS= -10V, ID= -2.8A, RGEN=6Ω)
t(on)
—
8
—
ns
Turn-OFF Time 关断時間
(VDS= -10V, ID= -2.8A, RGEN=6Ω)
t(off)
—
60
—
ns
Pulse Width<300μs; Duty Cycle<2.0%
LM2301
Rev :
www.leiditech.com
01.06.2015
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com