Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30DAW4 Datasheet(PDF) 4 Page - GAPTEC Electronic GmbH & Co. KG

Part # 30DAW4
Description  30W - Single Output - Wide Input - Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

30DAW4 Datasheet(HTML) 4 Page - GAPTEC Electronic GmbH & Co. KG

  30DAW4 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 30DAW4 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 30DAW4 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 30DAW4 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 30DAW4 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 4 of 5
30DAW4_1.5 – Rev. 2017-1.3
Specifications subject to change without notice.
30DAW4_1.5 Series
30W - Single Output - Wide Input - Isolated & Regulated
DIP DC-DC Converter
EMC recommended circuit PCB layout
Note:
Note: the min. distance of the bonding pads between input & output isolation capacitors
(CY1/CY2) shall be ≥ 2mm.
Trim application & trim resistance
Application circuit for TRIM
(Part in broken line is the interior of models)
Trim up
Trim down
Formula for resistance of Trim
Note:
Value for R1, R2, R3, and Vref refer to the following table.
R
T: Resistance of Trim
a: User-defined parameter, no actual meanings
Vo’: The trim up/down voltage
Vout (V)
R1 (KΩ)
R2 (KΩ)
R3 (KΩ)
Vref (V)
3.3
4.801
2.87
12.4
1.25
5
2.883
2.87
10
2.5
9
7.500
2.87
15
2.5
12
11.000
2.87
15
2.5
15
14.494
2.87
15
2.5
24
24.872
2.87
17.8
2.5
The product does not support output in parallel with power per liter.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com