Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6403 Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM6403
Description  P-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM6403 Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM6403 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6403 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6403 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6403 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6403 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Symbol
Dimensions In Millimeters
Dimensions In Inches
MAX
MIN
MAX
MIN
A
1.450
-
0.057
-
A1
0.100
0.000
0.004
0.000
A2
1.300
1.050
0.051
0.041
b
0.500
0.300
0.020
0.012
c
0.200
0.100
0.008
0.004
D
3.100
2.700
0.122
0.106
E
1.800
1.400
0.071
0.055
E1
3.000
2.600
0.118
0.102
e
0.95BSC
0.037BSC
e1
2.000
1.800
0.079
0.071
L1
0.600
0.300
0.024
0.012
θ
10°
0°
10°
0°
SOT23-6 PACKAGE INFORMATION
LM6403
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2018
5/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com