Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMS2301AL Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMS2301AL
Description  P-Channel Enhancement-Mode MOS FETs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMS2301AL Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMS2301AL Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMS2301AL Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMS2301AL Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT-23 場效應晶體管(SOT-23 Field Effect Transistors)
P-Channel Enhancement-Mode MOS FETs
P 沟道增强型 MOS 场效应管
■
MAXIMUM RATINGS 最大額定值
Characteristic
特性參數
Symbol
符號
Max
最大值
Unit
單位
Drain-Source Voltage
漏極-源極電壓
BVDSS
-20
V
Gate- Source Voltage
栅極-源極電壓
VGS
+8
V
Drain Current (continuous)
漏極電流-連續
ID
-2.4
A
Drain Current (pulsed)
漏極電流-脉冲
IDM
-10
A
Total Device Dissipation
總耗散功率
TA
=25℃環境溫度爲 25℃
PD
900
mW
Junction 結溫
TJ
150
℃
Storage Temperature 儲存溫度
Tstg
-55to+150
℃
LMS2301AL
Rev :
www.leiditech.com
01.06.2015
1/3


Similar Part No. - LMS2301AL

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMS2302AL LEIDITECH-LMS2302AL Datasheet
1Mb / 3P
N-Channel Enhancement-Mode MOS FETs
More results

Similar Description - LMS2301AL

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GM2301 GSME-GM2301 Datasheet
317Kb / 3P
P-Channel Enhancement-Mode MOS FETs
GM2321 GSME-GM2321 Datasheet
300Kb / 3P
P-Channel Enhancement-Mode MOS FETs
logo
Shanghai Leiditech Elec...
LM3401A LEIDITECH-LM3401A Datasheet
819Kb / 4P
P-Channel Enhancement-Mode MOS FETs
logo
TECH PUBLIC Electronics...
SI2301ADS TECHPUBLIC-SI2301ADS Datasheet
1Mb / 6P
P-Channel Enhancement-Mode MOS FETs
SI2301CDS TECHPUBLIC-SI2301CDS Datasheet
13Mb / 6P
P-Channel Enhancement-Mode MOS FETs
SI2301DS TECHPUBLIC-SI2301DS Datasheet
1Mb / 6P
P-Channel Enhancement-Mode MOS FETs
TPM2301GS3 TECHPUBLIC-TPM2301GS3 Datasheet
1Mb / 6P
P-Channel Enhancement-Mode MOS FETs
DMG2301L TECHPUBLIC-DMG2301L Datasheet
11Mb / 6P
P-Channel Enhancement-Mode MOS FETs
FDN302P TECHPUBLIC-FDN302P Datasheet
11Mb / 6P
P-Channel Enhancement-Mode MOS FETs
FDN342P TECHPUBLIC-FDN342P Datasheet
11Mb / 6P
P-Channel Enhancement-Mode MOS FETs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com