Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV70 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # BAV70
Description  Dual Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BAV70 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  BAV70 Datasheet HTML 1Page - First Silicon Co., Ltd BAV70 Datasheet HTML 2Page - First Silicon Co., Ltd BAV70 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Epoxy meets UL-94 V-0 flammability rating
Moisure Sensitivity Level 1
Fast switching speed
High Conductance
Surface mount package ideally Suited for Automatic
Insertion
Mechanical Data
Package: SOT-23
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Polarity: Cathode line denotes the cathode end
Marking: A4
Item
Symbol
Unit
Value
V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
RRM
0
0
1
V
V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
R
5
7
V
Forward Continuous Current@f>=50Hz,
Per Leg
IF
0
5
1
A
m
Non-Repetitive Peak Forward Surge
Current@8.3ms, Half sine-wave, Per Leg
IFSM
0
.
2
A
P
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
D
0
5
3
W
m
Maximum Thermal Resisance
RthJA
7
5
3
W
/
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
STG
-55 to +150
Operating Junction Temperature
Tj
-55 to +150
Ordering Information (Example)
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
BAV70
F2
Approximate 0.008
3000
30000
120000
7” reel
Dual Switching Diode
Maximum Ratings (Ta=25unless otherwise specified)
SOT-23
1
3
2
SEMICONDUCTOR
TECHNICAL DATA
BAV70
2019. 09. 02
1/3
Revision No : 0


Similar Part No. - BAV70

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV70 PANJIT-BAV70 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV70 PHILIPS-BAV70 Datasheet
56Kb / 12P
High-speed double diode
1999 May 05
logo
Vishay Siliconix
BAV70 VISHAY-BAV70 Datasheet
54Kb / 4P
Dual Surface Mount Switching Diode
17-Mar-99
logo
Transys Electronics
BAV70 TRSYS-BAV70 Datasheet
146Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAV70

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBD7000LT1 MOTOROLA-MMBD7000LT1 Datasheet
77Kb / 4P
Dual Switching Diode
logo
ON Semiconductor
MMBD7000LT1 ONSEMI-MMBD7000LT1 Datasheet
77Kb / 4P
Dual Switching Diode
November, 2001 ??Rev. 2
logo
Zowie Technology Corpor...
MMBD7000 ZOWIE-MMBD7000 Datasheet
49Kb / 2P
DUAL SWITCHING DIODE
logo
Leshan Radio Company
LMBD7000WT1G LRC-LMBD7000WT1G Datasheet
118Kb / 3P
Dual Switching Diode
logo
WILLAS ELECTRONIC CORP
MMBD7000W WILLAS-MMBD7000W Datasheet
336Kb / 3P
Dual Switching Diode
logo
Central Semiconductor C...
CPD30V CENTRAL-CPD30V Datasheet
479Kb / 2P
Dual Switching Diode
logo
CHENG-YI ELECTRONIC CO....
BAV99 CHENG-YI-BAV99 Datasheet
86Kb / 3P
DUAL SWITCHING DIODE
logo
ON Semiconductor
BAW56TT1G ONSEMI-BAW56TT1G_16 Datasheet
65Kb / 4P
Dual Switching Diode
April, 2016 ??Rev. 5
logo
Shanghai Leiditech Elec...
LMBD7000LT1G LEIDITECH-LMBD7000LT1G Datasheet
681Kb / 4P
Dual Switching Diode
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com