Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AYAV Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # AYAV
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AYAV Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  AYAV Datasheet HTML 1Page - M-System Co.,Ltd. AYAV Datasheet HTML 2Page - M-System Co.,Ltd. AYAV Datasheet HTML 3Page - M-System Co.,Ltd. AYAV Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: AYAV
AYAV SPECIFICATIONS
ES-1614 Rev.6 Page 1/4
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
DC ALARM
Functions & Features
• Providing relay contact closures at preset DC input levels
• Dual (Hi/Lo) trip
• Energized or deenergized coil at tripped conditions
selectable
• Multi-turn screwdriver setpoint adjustments
• Monitor jacks provided for setpoint adjustments
• Enclosed relays
• Relays can be powered 110 V DC
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Annunciator
• Various alarm applications
50
(1.97)
132
(5.20)
80
(3.15)
mm (inch)
No.1
No.2
COM
No.1
SET
No.2
SET
MODEL: AYAV–[1][2][3]–[4][5]
ORDERING INFORMATION
• Code number: AYAV-[1][2][3]-[4][5]
Specify a code from below for each [1] through [5].
(e.g. AYAV-612-B/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
H: 10 – 50 mA DC (Input resistance 100 Ω)
Voltage
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
[2] OUTPUT 1
1: Relay; SPDT or transfer contact
(coil energized with input > setpoint)
2: Relay; SPDT or transfer contact
(coil de-energized with input > setpoint)
[3] OUTPUT 2
1: Relay; SPDT or transfer contact
(coil energized with input > setpoint)
2: Relay; SPDT or transfer contact
(coil de-energized with input > setpoint)
[4] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
S: 12 V DC
R: 24 V DC
V: 48 V DC
P: 110 V DC
[5] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Setpoint adjustments: Multi-turn screwdriver adjustments
(front); 0 – 100 % independently
Setpoint monitor: Output 0 – 10 V for 0 – 100 % setpoints
Monitor jack diameter: 2 mm (.08")
Hysteresis (deadband): 0.2 ± 0.1 %
Front LEDs: Red lights turn on when the coils are energized.
INPUT SPECIFICATIONS
■ DC Current:
Shunt resistor attached to the input terminals (0.5 W)


Similar Part No. - AYAV

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
AYA TEC-AYA Datasheet
218Kb / 4P
3-phase WYE RFI Power Line Filters
logo
Artesyn Technologies
AYA ARTESYN-AYA Datasheet
454Kb / 3P
Three year product warranty
logo
Advanced Energy Industr...
AYA ADVANCEDENERGY-AYA Datasheet
321Kb / 5P
ARTESYN AYA SERIES 2 Watts
12.16
AYA 2W ADVANCEDENERGY-AYA 2W Datasheet
321Kb / 5P
ARTESYN AYA SERIES 2 Watts
12.16
AYA00A05-L ADVANCEDENERGY-AYA00A05-L Datasheet
321Kb / 5P
ARTESYN AYA SERIES 2 Watts
12.16
More results

Similar Description - AYAV

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com