Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS400G Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDS400G
Description  High Speed Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS400G Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDS400G Datasheet HTML 1Page - First Silicon Co., Ltd FDS400G Datasheet HTML 2Page - First Silicon Co., Ltd FDS400G Datasheet HTML 3Page - First Silicon Co., Ltd FDS400G Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SOD-723 Plastic-Encapsulate Diodes
SOD-723
The marking bar indicates the cathode
Maximum Ratings and Electrical Characteristics, Single Diode @Ta=25
℃
Parameter
Symbol
Limit
Unit
Non-Repetitive Peak Reverse Voltage
VRM
V
DC Blocking Voltage
VR
80
V
Forward Continuous Current
IFM
225
mA
Average Rectified Output Current
IO
100
mA
IFSM
2.0
A
Power Dissipation
Pd
mW
Thermal Resistance Junction to Ambient
RθJA
℃/W
℃
℃
Forward Surge Current @t=8.3ms
Non-Repetitive Peak
Junction Temperature
Storage Temperature
Tj
150
TSTG
-55~+150
100
1250
High Speed Switching Diode
FEATURES
Small surface mounting type
High speed
90
FDS400G
High reliability with high surge current handing capability
MARKING:7
Electrical Ratings @Ta=25
℃
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Forward voltage
VF
1.2
V
IF=100mA
Reverse current
IR
0.1
µA
VR=80V
Capacitance between terminals
CT
3.0
pF
VR=0.5V, f=1MHZ
Reverse recovery time
trr
4
ns
VR=6V,IF=10mA,RL=100Ω
7
SEMICONDUCTOR
TECHNICAL DATA
FDS400G
2018. 10. 18
1/4
Revision No : 0


Similar Part No. - FDS400G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4070N3 FAIRCHILD-FDS4070N3 Datasheet
193Kb / 7P
40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3 Datasheet
173Kb / 7P
40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3_04 Datasheet
173Kb / 7P
40V N-Channel PowerTrench MOSFET
FDS4070N7 FAIRCHILD-FDS4070N7 Datasheet
201Kb / 7P
40V N-Channel PowerTrench MOSFET
FDS4070N7 FAIRCHILD-FDS4070N7 Datasheet
188Kb / 8P
40V N-Channel PowerTrench MOSFET
More results

Similar Description - FDS400G

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com