Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIP514 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MIP514
Description  Silicon MOSFET type Integrated Circuit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIP514 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MIP514 Datasheet HTML 1Page - Panasonic Semiconductor MIP514 Datasheet HTML 2Page - Panasonic Semiconductor MIP514 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Intelligent Power Devices (IPDs)
1
Publication date: April 2002
SLB00046AED
MIP514
Silicon MOSFET type Integrated Circuit
I Features
• Built-in five protection functions (over-current, over-voltage, load-
short-circuit, over heat, ESD)
• Both DC and AC power suply are available
I Applications
• Lamp, solenoid drive
• Motor drive
I Absolute Maximum Ratings T
a = 25°C ± 3°C
Parameter
Symbol
Rating
Unit
Output voltage
VDS
− 0.5 to +45
V
Output current
IO
2.0
A
Input voltage
VIN
− 0.5 to +6.0
V
Input current
IIN
±5mA
Drain clamp energy endurance
ECLP
28
mJ
Power dissipation *
PD
1.0
W
Operating ambient temperature
Topr
−40 to +85
°C
Channel temperature
Tch
150
°C
Storage temperature
Tstg
−55 to +150
°C
I Block Diagram
6.9±0.1
2.5±0.1
0.45
1.05±0.05
2.5±0.5
123
2.5±0.5
+0.10
–0.05
0.45
+0.10
–0.05
(0.8)
(4.0)
(0.7)
0.65 max.
Marking Symbol: MIP514
Unit: mm
1: In
2: Drain
3: Source
MT-2-A1 Package
Drain
Source
Over-voltage
protection
Load short-circuit
protection
Gate cut-off circuit
ESD
protection
Over-heat
protection
In
1
2
3
Over-current
protection
Note) *: Mounting on the PCB (100 mm × 100 mm, glass epoxy substrate) (Ta = 25°C).


Similar Part No. - MIP514

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MIP515 PANASONIC-MIP515 Datasheet
64Kb / 3P
Silicon MOSFET type Integrated Circuit
MIP516 PANASONIC-MIP516 Datasheet
71Kb / 3P
Silicon MOSFET type integrated circuit
MIP517 PANASONIC-MIP517 Datasheet
76Kb / 3P
Silicon MOSFET type integrated circuit
More results

Similar Description - MIP514

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MIP516 PANASONIC-MIP516 Datasheet
71Kb / 3P
Silicon MOSFET type integrated circuit
MIP515 PANASONIC-MIP515 Datasheet
64Kb / 3P
Silicon MOSFET type Integrated Circuit
MIP517 PANASONIC-MIP517 Datasheet
76Kb / 3P
Silicon MOSFET type integrated circuit
logo
Rohm
BD3481FS ROHM-BD3481FS Datasheet
296Kb / 6P
Silicon monolithic integrated circuit
BD3487FS ROHM-BD3487FS Datasheet
326Kb / 6P
Silicon Monolithic Integrated Circuit
BUXXTD3WG ROHM-BUXXTD3WG Datasheet
150Kb / 5P
Silicon Monolithic Integrated Circuit CMOS-type Series Regulator
logo
Panasonic Battery Group
MIP0040MFL PANASONICBATTERY-MIP0040MFL Datasheet
574Kb / 9P
Silicon MOSFET type Integrated Circuit
MIP2F20MTSCF PANASONICBATTERY-MIP2F20MTSCF Datasheet
237Kb / 7P
Silicon MOS type integrated circuit
logo
Panasonic Semiconductor
MIP2M40MS PANASONIC-MIP2M40MS Datasheet
667Kb / 8P
Silicon MOS FET type integrated circuit
20100202
MIP0254SP PANASONIC-MIP0254SP Datasheet
379Kb / 3P
Silicon MOS type integrated circuit
June 2006
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com