Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAS-01-L Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # FAS-01-L
Description  Space-saving Plug-in Signal Conditioners F-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

FAS-01-L Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  FAS-01-L Datasheet HTML 1Page - M-System Co.,Ltd. FAS-01-L Datasheet HTML 2Page - M-System Co.,Ltd. FAS-01-L Datasheet HTML 3Page - M-System Co.,Ltd. FAS-01-L Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: FAS
FAS SPECIFICATIONS
ES-1481 Rev.11 Page 1/4
http://www.m-system.co.jp/
Space-saving Plug-in Signal Conditioners F-UNIT
DC ALARM
Functions & Features
• Providing relay contact closures at preset DC input levels
• Single or dual (Hi/Lo) trip
• Multi-turn screwdriver setpoint adjustments
• Enclosed relays
• Relays can be powered 110 V DC
• High-density mounting
Typical Applications
• Annunciator
• Various alarm applications
26 (1.02)
100
(3.94)
mm (inch)
137
(5.39)
MODEL: FAS–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: FAS-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. FAS-62-L/Q)
• Special input range (For code 0)
Use Ordering Information Sheet (No. ESU-1033) to specify
output code 0 specifications.
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
D: 0 – 20 mA DC (Input resistance 50 Ω)
G: 0 – 1 mA DC (Input resistance 1000 Ω)
H: 10 – 50 mA DC (Input resistance 100 Ω)
Voltage
3: 0 – 1 V DC (Input resistance 1 MΩ min.)
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (See INPUT SPECIFICATIONS)
[2] OUTPUT
1: Single (SPDT); Hi in power failure
2: Single (SPDT); Lo in power failure
5: Hi/Lo (N.O.); OFF in power failure
6: Hi/Lo (N.C.); OFF in power failure
0: Specify
[3] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
L: 170 – 264 V AC
(Operational voltage range 170 – 264 V, 47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Setpoint adjustments: Multi-turn screwdriver adjustments
(front); -5 – +105 % independently
Hysteresis (deadband): Approx. 1 %
Front LEDs: Red LED turns on when the coil is energized.
Power ON timer: Relays de-energized for approx. 2 seconds
after power is turned on.
INPUT SPECIFICATIONS
■ DC Current:
Shunt resistor attached to the input terminals (0.5 W)
■ DC Voltage: 0 – 300 V DC
Minimum span: 1 V


Similar Part No. - FAS-01-L

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FAS-1001-2101-2-0AF YAMAICHI-FAS-1001-2101-2-0AF Datasheet
128Kb / 3P
MIL Std. IDC Type Socket, (2.54mm Pitch) IDC - Socket, 2.54mm Pitch (2-Point Contact)
FAS-1001-2101-2-0BF YAMAICHI-FAS-1001-2101-2-0BF Datasheet
128Kb / 3P
MIL Std. IDC Type Socket, (2.54mm Pitch) IDC - Socket, 2.54mm Pitch (2-Point Contact)
FAS-1401-2101-2-0AF YAMAICHI-FAS-1401-2101-2-0AF Datasheet
128Kb / 3P
MIL Std. IDC Type Socket, (2.54mm Pitch) IDC - Socket, 2.54mm Pitch (2-Point Contact)
FAS-1401-2101-2-0BF YAMAICHI-FAS-1401-2101-2-0BF Datasheet
128Kb / 3P
MIL Std. IDC Type Socket, (2.54mm Pitch) IDC - Socket, 2.54mm Pitch (2-Point Contact)
FAS-16-17 YAMAICHI-FAS-16-17 Datasheet
128Kb / 3P
MIL Std. IDC Type Socket, (2.54mm Pitch) IDC - Socket, 2.54mm Pitch (2-Point Contact)
More results

Similar Description - FAS-01-L

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FAC MSYSTEM-FAC Datasheet
97Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FRT MSYSTEM-FRT Datasheet
114Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FPA MSYSTEM-FPA Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FLCS MSYSTEM-FLCS Datasheet
104Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FJV MSYSTEM-FJV Datasheet
108Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FJPA MSYSTEM-FJPA Datasheet
105Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FJFX MSYSTEM-FJFX Datasheet
108Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FJFT MSYSTEM-FJFT Datasheet
191Kb / 5P
Space-saving Plug-in Signal Conditioners F-UNIT
FTG MSYSTEM-FTG Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FSE MSYSTEM-FSE Datasheet
97Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com