Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP25151T5-A Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LP25151T5-A
Description  Input Voltage Range: 2.5V to 5.5V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LP25151T5-A Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LP25151T5-A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LP25151T5-A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LP25151T5-A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LP25151T5-A Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LP25151T5-A Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LP25151T5-A Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics
(VIN = +5.0V, TA = -40oC to 85oC, typical values at TA=25oC, unless otherwise stated)
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
VIN
Input Voltage Range
2.5
5.5
V
VUVLO
Input UVLO
1.4
1.8
2.2
V
ISHDN
Input Shutdown Quiescent
Current
Disabled, VEN=0V, OUT
floating or shorted to ground
0.1
1
μA
IQ
Input Quiescent Current
/Channel
Enabled, VEN=VIN, IOUT= 0
25
40
μA
RDS(ON)
Switch on-resistance
VIN=5V, IOUT=0.6A
90
130
ILMT
Current Limit
VIN=5V, VOUT=4.5V
1.6
2.1
2,7
A
VIL
EN Input Logic Low Voltage
0.8
V
VIH
EN Input Logic High Voltage
2
V
ISINK
EN Input leakage
VEN = 5V
0.01
1
μA
TD(ON)
Output Turn-on Delay Time
VIN =5V, CL=1uF,
RLOAD=100
Ω
0.2
0.6
1
ms
TR
Output Turn-on Rise Time
VIN =5V, CL=1uF,
RLOAD=
100Ω
0.2
0.5
0.8
ms
TD(OFF)
Output Turn-off Delay Time
VIN =5V, CL=1uF,
RLOAD
=100Ω
0.1
0.3
0.5
ms
TF
Output Turn-off Fall Time
VIN =5V, CL=1uF,
RLOAD
=100Ω
50
120
200
μs
TFLT_BLANK
FLT Blanking Time
2
6
10
ms
VFLT_Lo
FLT Logic Low Voltage
IFLT(SINK) =1mA
0.2
V
IFLT
FLT Leakage Current
VFLT = 5V, Enabeld, No
Fault Conditions
0.1
1
μA
Rdischarge
Output discharge FET Rdson
VIN = 5V, EN=0V, VOUT=5V
200
400
800
Ω
IREV
Rverse leakage current
VOUT= 5V , VIN=0V measure
IVOUT
0.1
1
μA
TSHDN
Thermal shutdown threshold
VIN = 5V
120
135
155
oC
THYS
Thermal shutdown
hysteresis
VIN = 5V
15
oC
LP25151T5-A
Rev :
www.leiditech.com
01.06.2014
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com