Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR6040PT Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MBR6040PT
Description  Schottky Barrier Rectifiers Reverse Voltage 40 to 200 Volts, Forward Current 60A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MBR6040PT Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MBR6040PT Datasheet HTML 1Page - First Silicon Co., Ltd MBR6040PT Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Classification Rating 94V-O
Plastic Case Material has UL Flammability
Guard Ring Die Construction
For Use in Low Voltage Application
Low Power Loss, High Efficiency
Ideally Suited for Automatic Assembly
Features
Mechanical Data
Maximum Ratings and Electrical Characteristics (@T
A =25°C unless otherwise specified)
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Schottky Barrier Chip
= 30A
V
°C/W
pF
V
28
31
35
42
70
105
140
V
40
45
50
60
100
150
200
V
60100
MBR
Characteristic
Symbol
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 75°C
(Note 1)
IO
60
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
400
A
Forward Voltage
@IF
FM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
mA
Typical Junction Capacitance (Note 2)
C j
Typical Thermal Resistance (Note 1)
R θJA
Operating and Storage Temperature Range
Tj, TSTG
°C
Note: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
6040
MBR
6045
MBR
6050
MBR
6060
60150
MBR
60200
Units
350
280
200
3.5
2.0
PT
MBR
MBR
PT
PT
PT
PT
PT
PT
-55 to +175
-55 to +150
Mounting Position: Any
Polarity: See Diagram
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
Lead Free: For RoHS / Lead Free Version
Case: TO-247AD/TO-3P, Molded Plastic
TO-247AD/TO-3P
0.70
0.1
20
0.75
0.80
0.90
0.05
10
Schottky Barrier Rectifiers
Reverse Voltage 40 to 200 Volts, Forward Current 60A
SEMICONDUCTOR
TECHNICAL DATA
MBR6040PT ~
2021. 02. 24
1/2
Revision No : 0
MBR60200PT


Similar Part No. - MBR6040PT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR6040PT DIODES-MBR6040PT Datasheet
63Kb / 2P
60A SCHOTTKY BARRIER RECTIFIER
DS30053 Rev. B-2
logo
Micro Commercial Compon...
MBR6040PT MCC-MBR6040PT Datasheet
109Kb / 2P
60 Amp Schottky Barrier Rectifier 30 to 45 Volts
logo
Diodes Incorporated
MBR6040PT DIODES-MBR6040PT Datasheet
65Kb / 3P
60A SCHOTTKY BARRIER RECTIFIER
DS30053 Rev. 4 - 2
logo
Pan Jit International I...
MBR6040PT PANJIT-MBR6040PT Datasheet
427Kb / 2P
60 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Semiconduct...
MBR6040PT SIRECTIFIER-MBR6040PT Datasheet
128Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
More results

Similar Description - MBR6040PT

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
1N17 GOOD-ARK-1N17 Datasheet
166Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 1.0 Ampere
logo
Microdiode Semiconducto...
SR1020 CHENDA-SR1020 Datasheet
334Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SR15200 CHENDA-SR15200 Datasheet
350Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF830 CHENDA-SRF830 Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF850 CHENDA-SRF850 Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF870 CHENDA-SRF870 Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
logo
GOOD-ARK Electronics
1N5820 GOOD-ARK-1N5820_15 Datasheet
183Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 3.0 Amperes
1N5817 GOOD-ARK-1N5817_15 Datasheet
176Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 1.0 Ampere
1N17 GOOD-ARK-1N17_15 Datasheet
167Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 1.0 Ampere
logo
First Silicon Co., Ltd
MBR30200CT FS-MBR30200CT Datasheet
292Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 200 Volts Forward Current 30.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com