Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FJFT3-U1A-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # FJFT3-U1A-R
Description  Space-saving Plug-in Signal Conditioners F-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

FJFT3-U1A-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  FJFT3-U1A-R Datasheet HTML 1Page - M-System Co.,Ltd. FJFT3-U1A-R Datasheet HTML 2Page - M-System Co.,Ltd. FJFT3-U1A-R Datasheet HTML 3Page - M-System Co.,Ltd. FJFT3-U1A-R Datasheet HTML 4Page - M-System Co.,Ltd. FJFT3-U1A-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: FJFT
FJFT SPECIFICATIONS
ES-1479 Rev.11 Page 5/5
http://www.m-system.co.jp/
LEAD-TIME COMPUTING
This unit operates a lead-time equation.
X0 (s) = (1 + T s) X1 (s)
X0 : output
X1 : input
T
: lead-time constant
(0.0 to 100.0 seconds adjustable)
INPUT
•Step Input with Time Constant (Lead)
t
OUTPUT
t
0
0
T
RAMP BUFFER
This unit output does not change faster than a preset
maximum rate, positive CP and negative CN, no mat-
ter how fast its input changes.
CP
: maximum rate of positive output change
(0.00 to 200.00%/second adjustable)
CN
: maximum rate of negative output change
(0.00 to 200.00%/second adjustable)
INPUT
•Step Input with Rate-of-Change Limit
t
OUTPUT
t
0
0
CP
CN
MEAN AVERAGE OUTPUT
This unit samples input signals every H seconds and,
excluding U numbers of largest samples and L num-
bers of smallest samples, outputs proportionally to an
average of the rest [N – (U + L)] of sampled data. When
the number of samples to be calculated equals 0 or less,
it outputs an error.
H : sampling cycle
(0.1 to 100.0 seconds adjustable)
N : number of samples to be calculated
(2 to 8 adjustable)
U : number of largest samples to be cut off
(0 to 7 adjustable)
L : number of smallest samples to be cut off
(0 to 7 adjustable)
IN 1
IN 2
INPUT
•Example (N=5, U=1, L=1)
t
OUTPUT
t
OUT 1
OUT 2
IN 1
IN 2
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com