Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FJFT4-U1A-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # FJFT4-U1A-R
Description  Space-saving Plug-in Signal Conditioners F-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

FJFT4-U1A-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  FJFT4-U1A-R Datasheet HTML 1Page - M-System Co.,Ltd. FJFT4-U1A-R Datasheet HTML 2Page - M-System Co.,Ltd. FJFT4-U1A-R Datasheet HTML 3Page - M-System Co.,Ltd. FJFT4-U1A-R Datasheet HTML 4Page - M-System Co.,Ltd. FJFT4-U1A-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: FJFT
FJFT SPECIFICATIONS
ES-1479 Rev.11 Page 4/5
http://www.m-system.co.jp/
FUNCTIONS
H
H
INPUT
t
OUTPUT
t
N numbers
N numbers
average
MOVING AVERAGE OUTPUT
This unit samples input signals every H seconds and
outputs proportionally to an average of N numbers of
sampled data. When a new input is sampled after
another H seconds, it gives up the oldest sample and
calculates a new average including the latest sample
and outputs proportionally.
H : sampling cycle
(0.1 to 100.0 seconds adjustable)
N : number of samples to be calculated
(1 to 8 adjustable)
INPUT
•Step Input with Dead-Time
t
OUTPUT
t
0
0
H x N
INPUT
•Step Input with Dead-Time Plus Time Constant
t
OUTPUT
t
0
T
DEAD-TIME COMPUTING
This unit does not respond to an input signal for a
preset dead-time duration. In addition, with adjusting
a time constant T, it generates a first order lag output
after the dead-time.
e –Ls
X0 (s) =
X1 (s) + H
N
(s)
1 + T s
X0 : output
X1 : input
Dead Time = H
N
(s) (H T)
H
: sampling cycle
(0.1 to 100.0 seconds adjustable)
N
: numbers of samples to be calculated
(1 to 8 adjustable)
T
: time constant
(0.0 to 100.0 seconds adjustable)
0
H x N
X
X
INPUT
•Step Input with Time Constant
t
OUTPUT
t
0
0
T
DELAY BUFFER
This unit generates a first order lag output.
1
X0 (s) =
X1 (s)
1 + T s
X0 : output
X1 : input
T
: time constant
(0.0 to 100.0 second adjustable)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com