Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5161 Datasheet(PDF) 1 Page - Rohm

Part # 2SC5161
Description  HIgh voltage switching transistor (400V, 2A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5161 Datasheet(HTML) 1 Page - Rohm

  2SC5161 Datasheet HTML 1Page - Rohm 2SC5161 Datasheet HTML 2Page - Rohm 2SC5161 Datasheet HTML 3Page - Rohm 2SC5161 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC5161
Transistors
Rev.A
1/3
High voltage switching transistor
(400V, 2A)
2SC5161
Features
1) Low VCE(sat).
VCE(sat)=0.15V (Typ.)
(IC/IB=1A/0.2A)
2) High breakdown voltage.
VCEO=400V
3) Fast switching.
tf
≤1.0µs
(IC=0.8A)
Structure
Three-layer, diffused planar type
NPN silicon transistor
External dimensions (Unit : mm)
(1) Base
(2) Collector
(3) Emitter
ROHM : CPT3
EIAJ : SC-63
−0.1
+0.2
−0.1
+0.2
2.3
±0.2
2.3
±0.2
0.65
±0.1
0.9
0.75
1.0
±0.2
0.5
±0.1
2.3
0.5
±0.1
6.5
±0.2
5.1
C0.5
(3)
(2)
(1)
Absolute maximum ratings (Ta=25
°C)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
∗ Single pulse Pw=10ms
Parameter
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
400
V
V
V
A(DC)
W
W(Tc
=25°C)
°C
°C
400
7
2
ICP
A(Pulse)
4
∗
1
10
150
−55 to +150
Symbol
Limits
Unit


Similar Part No. - 2SC5161

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5161 ROHM-2SC5161 Datasheet
120Kb / 4P
High Voltage Switching Transistor(400V, 2A)
logo
Guangdong Kexin Industr...
2SC5161 KEXIN-2SC5161 Datasheet
41Kb / 2P
High Voltage Switching Transistor
logo
Rohm
2SC5161TLB ROHM-2SC5161TLB Datasheet
75Kb / 3P
High voltage switching transistor (400V, 2A)
More results

Similar Description - 2SC5161

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1812 ROHM-2SA1812 Datasheet
250Kb / 4P
High-voltage Switching Transistor (-400V, -0.5A)
2SC3969 ROHM-2SC3969 Datasheet
120Kb / 4P
High Voltage Switching Transistor(400V, 2A)
2SA1862 ROHM-2SA1862 Datasheet
93Kb / 3P
High-voltage Switching Transistor (-400V, -2A)
2SC5161TLB ROHM-2SC5161TLB Datasheet
75Kb / 3P
High voltage switching transistor (400V, 2A)
2SA1812 ROHM-2SA1812_1 Datasheet
31Kb / 1P
High-voltage Switching Transistor ( 400V, 0.5A)
logo
Diodes Incorporated
2DA1971 DIODES-2DA1971 Datasheet
281Kb / 7P
400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 2
2DA1971 DIODES-2DA1971_15 Datasheet
284Kb / 7P
400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 3
FCX458 DIODES-FCX458_17 Datasheet
499Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR
Rev 7
FCX558 DIODES-FCX558_17 Datasheet
495Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR
Rev 7
FMMT458 DIODES-FMMT458_16 Datasheet
492Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR
Rev 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com