Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD-9501G Datasheet(PDF) 1 Page - Microsemi Corporation

Part # PD-9501G
Description  60W, Gigabit, Single-port PoE Midspan, 24VDC Input
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD-9501G Datasheet(HTML) 1 Page - Microsemi Corporation

  PD-9501G Datasheet HTML 1Page - Microsemi Corporation PD-9501G Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PD-9501G/24VDC
60W, Gigabit, Single-port PoE Midspan, 24VDC Input
Power Matters.™
Overview
Microsemi’s PD-9501G is a Best-of-Breed single port solution for remote
powering of current in a 24VDC environment as well as high power
applications.
It is designed specifically to power IEEE 802.11n and IEEE802.3at access
points, pan-tilt-zoom (PTZ) and dome cameras, IP videophones, thin clients
and other high power Ethernet end-terminals with 60W of power, and is
also backward compatible and safe to use with any 802.3af terminal such
as VoIP phones, IP cameras and wireless LAN access points.
It can power both existing 10/100Base-T devices and emerging
wireless Gigabit devices such as WI-MAX and wireless IEEE 802.11n
access points.
With the midspan’s plug-and-play installation, they are easily and cost
effectively implemented leveraging an existing Ethernet infrastructure while
at the same time providing flexibility to assurance a future-proof scalable
network.
PD-9501G/24VDC Features
• Up to 60W of power over 4-pairs
• 24 VDC input voltage
• IEEE802.3at compliant
• Plug-and-play installation
• Guaranteed uptime
PD-9501G/24VDC Specifications
No. of Ports
1
Pass Through Data Rates
10/100/1000 Mbps
Power over Ethernet
Pin Assignment and Polarity:
Output
Data Pairs 1/2 (-) and 3/6 (+)
Spare Pairs 7/8 (-) and 4/5 (+)
Output Power Voltage: 54-57 VDC
User Port Power: 60W Max.
Input Power
DC Input Voltage: 20-36 VDC
Requirements
Startup Voltage: 10.8 VDC
DC Input Current: 3.5A@24 VDC,
Dimensions
87 mm (W) x 43 mm (H) x 166 mm (L)
3.46 in. x 1.68 in. x 6.53 in.
Weight
.992 lbs (450g)
Indicators
System Indicator:
Green—AC Power
Channel Power:
Green—Power delivered over 4 pairs
Connectors
Shielded RJ-45, EIA 568A and 568B
Environmental
Operating Ambient Temperature:
Conditions
-4º to 104ºF (-20ºC to 40ºC) @60W
-4º to 122ºF (-20ºC to 50ºC) @30W
Operating Humidity:
Maximum 90%, Non-condensing
Storage Temperature:
–4º to 158ºF (–20º to 70ºC)
Storage Humidity:
Maximum 95%, Non-condensing
Operating Altitude:
–1000 to 10,000 ft. (–304.8 to 3048 m)
Reliability
MTBF: 215,000 hrs. @25ºC
Thermal Rating
40 BTU/Hr
Warranty
1-year
Regulatory
IEEE 802.3af (PoE), IEEE 802.3at
(including 2-event), RoHS Compliant,
WEEE Compliant, CE
Electromagnetic
FCC Part 15, Class B
Emission & Immunity
EN 55022 Class B (Emissions)
EN 55024 (Immunity)
Safety Approvals
GS Mark Per IEC60950
PTZ Dome Camera
Data
DC Power
Data & Power
or
or
IP Video Phone
WLAN Access Point
PoE Midspan
Switch
DC Power


Similar Part No. - PD-9501G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD-9501G MICROSEMI-PD-9501G Datasheet
1Mb / 2P
60W, Gigabit, Single-port PoE Midspan, 48VDC Input
PD-9501G-AC MICROSEMI-PD-9501G-AC Datasheet
541Kb / 2P
Media converter: SFP to PoE All 3 ports can be active simultaneously
PD-9501G-SFP MICROSEMI-PD-9501G-SFP Datasheet
541Kb / 2P
Media converter: SFP to PoE All 3 ports can be active simultaneously
logo
Microchip Technology
PD-9501G-SFP MICROCHIP-PD-9501G-SFP Datasheet
494Kb / 2P
PoE Media Converter, 60W PoE Output
7/21
PD-9501G-SFP/AC-AU MICROCHIP-PD-9501G-SFP/AC-AU Datasheet
494Kb / 2P
PoE Media Converter, 60W PoE Output
7/21
More results

Similar Description - PD-9501G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD-3501G MICROSEMI-PD-3501G Datasheet
549Kb / 2P
Single-port Gigabit PoE Midspan, 802.3af Compliant
logo
Microchip Technology
PD-9501GI MICROCHIP-PD-9501GI Datasheet
287Kb / 1P
Single Port, 60W Industrial PoE Midspan
1/21
logo
Microsemi Corporation
PD-9001GR MICROSEMI-PD-9001GR Datasheet
550Kb / 2P
Single-port Gigabit PoE Midspan, 802.3at Compliant
PD-9501G MICROSEMI-PD-9501G_V01 Datasheet
1Mb / 2P
60W, Gigabit, Single-port PoE Midspan, 48VDC Input
PD-9501GO MICROSEMI-PD-9501GO Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
PD-9501GO MICROSEMI-PD-9501GO_V01 Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
PD-9501GR MICROSEMI-PD-9501GR Datasheet
737Kb / 2P
Single-port, 60W Gigabit Midspan, 4-Pairs, 802.3at Compliant
logo
Microchip Technology
PD-9001GI MICROCHIP-PD-9001GI Datasheet
447Kb / 2P
Single-Port 30W Industrial PoE Midspan
5/21
PD-9501-10GC MICROCHIP-PD-9501-10GC Datasheet
488Kb / 2P
Single-Port, 10 Gbps, IEEE 802.3bt Type3 60W, Indoor PoE Midspan
6/21
PD-9501GC MICROCHIP-PD-9501GC Datasheet
417Kb / 2P
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
6/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com