Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD-OUTMBK Datasheet(PDF) 1 Page - Microsemi Corporation

Part # PD-OUTMBK
Description  Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD-OUTMBK Datasheet(HTML) 1 Page - Microsemi Corporation

  PD-OUTMBK Datasheet HTML 1Page - Microsemi Corporation PD-OUTMBK Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Overview
Microsemi’s PD-9501GO/48VDC Power over Ethernet (PoE) single-port
Midspan offers a cost effective, IEEE 802.3at compliant solution for outdoor
installations, guaranteeing 60 Watts of power and ensuring safe and reliable
operation in outdoor environment of any standard PoE data terminal. It
allows wireless LAN access points, security network cameras and other IP
terminals to receive power, along with data, over standard Ethernet cables,
leaving network infrastructure completely unaltered.
The PD-9501GO/48VDC also offers surge protection ensuring the indoor
equipment is protected from outdoor surges.
PD-9501GO/48VDC Features
• Outdoorrated:IP66
•IEEE802.3atstandardcompliant
• 36-60VDCinputvoltage
•Powerprovidedusingall4pairs
•Supports10/100/1000Mbpsdatarates
•Plug‘nPlayinstallation(installerdoesnothavetoopenunit)
•Supportsboth802.3afand802.3atPowereddevices
• Includesintegralsurgeprotection
PD-9501GO/48VDC Specifications
No. of Ports
1
Pass Through Data Rates
10/100/1000 Mbps
PoweroverEthernet
PinAssignmentandPolarity:
Output
4/5 (+), 7/8 (–), 1/2(–), 3/6(+)
OutputPowerVoltage:50-57VDC
UserPortPower:60Wguaranteed
InputPower
DCInputVoltage:36to60VDC
Requirements
DCInputCurrent:2.2A
Dimensions
214 mm x 150 mm x 70 mm
8.42 in. x 5.90 in. x 2.75 in
Weight
1.65 lbs (750g)
Indicators
No LED indicators
Connectors
ShieldedruggedRJ-45(withgasket)
Environmental
OperatingAmbientTemperature:
Conditions
-40º to 122ºF (-40 to 50ºC) for 60W
-40º to 131ºF (-40 to 55ºC) for 30W
OperatingHumidity:
Maximum 95%, Non-condensing
StorageTemperature:
–40º to 185ºF (–40º to 85ºC)
StorageHumidity:
Maximum 95%, Non-condensing
OperatingAltitude:
Up to 6,560 ft. (2000 m)
WeatherRating:
IP66, NEMA 4X
Reliability
MTBF:194,000hrs.@25ºC
Thermal Rating
34 BTU/Hr
Warranty
1-year
Regulatory Compliance
IEEE 802.3af (PoE, PoH Type1)
IEEE 802.3at (PoE+ including 2-event,
PoHType2),RoHSCompliant,
WEEE Compliant, CE
Electromagnetic
FCC Part 15, Class B
Emission & Immunity
EN 55022 Class B
EN 55024, EN61000-4-5 Class 5 (6kV CM)
VCCI
SurgeProtection
MeetsSurgeProtectionasspecifiedin
GR-1089-CORE Issue 4
SafetyApprovals
UL60950-1&UL60950-22
GSMark
OtherStandardsand
Dustandwaterintrusion:EN60529,
Approvals
Level1P66; NEMA 250, Level 4X
ASTMB-117CorrosionResistance
PD-9501GO/48VDC
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
Power Matters.™
Outdoor WiMAX CPE
Data
DC Power
Data & Power
Outdoor Camera
Outdoor WLAN AP
Indoor
Outdoor
PoE Midspan
or
or
Indoor
Outdoor
Switch
DC Power


Similar Part No. - PD-OUTMBK

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD-OUTMBK MICROSEMI-PD-OUTMBK Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
More results

Similar Description - PD-OUTMBK

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD9002GHO MICROSEMI-PD9002GHO Datasheet
825Kb / 2P
Dual-port, Outdoor PoE Passive Hub, 30W, IEEE802.3at Compliant
logo
Microchip Technology
PD-9501GI MICROCHIP-PD-9501GI Datasheet
287Kb / 1P
Single Port, 60W Industrial PoE Midspan
1/21
logo
Microsemi Corporation
PD-9000G MICROSEMI-PD-9000G Datasheet
928Kb / 2P
IEEE802.3at Compliant 36W/Port Midspan Family
PD-9004G MICROSEMI-PD-9004G Datasheet
881Kb / 2P
IEEE802.3at Compliant 30W 4-port Midspan
PD-9501G MICROSEMI-PD-9501G Datasheet
819Kb / 2P
60W, Gigabit, Single-port PoE Midspan, 24VDC Input
PD-9501G MICROSEMI-PD-9501G_V01 Datasheet
1Mb / 2P
60W, Gigabit, Single-port PoE Midspan, 48VDC Input
PD-9501GO MICROSEMI-PD-9501GO Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
logo
Microchip Technology
PD-9501GC MICROCHIP-PD-9501GC Datasheet
417Kb / 2P
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
6/21
PD-9004G MICROCHIP-PD-9004G Datasheet
464Kb / 2P
IEEE802.3at Compliant 30W 4-Port Midspan
5/21
logo
Microsemi Corporation
PD-9002GHO MICROSEMI-PD-9002GHO Datasheet
817Kb / 2P
Dual-port, Outdoor PoE Passive Hub, 30W, IEEE802.3at Compliant
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com