Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1001 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1001
Description  256K x 4 Static RAM with Separate I/O
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1001 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1001 Datasheet HTML 1Page - Cypress Semiconductor CY7C1001 Datasheet HTML 2Page - Cypress Semiconductor CY7C1001 Datasheet HTML 3Page - Cypress Semiconductor CY7C1001 Datasheet HTML 4Page - Cypress Semiconductor CY7C1001 Datasheet HTML 5Page - Cypress Semiconductor CY7C1001 Datasheet HTML 6Page - Cypress Semiconductor CY7C1001 Datasheet HTML 7Page - Cypress Semiconductor CY7C1001 Datasheet HTML 8Page - Cypress Semiconductor CY7C1001 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CY7C1001
CY7C1002
PRELIMINARY
4
Data Retention Characteristics Over the Operating Range (L Version Only)
Commercial
Military
Parameters
Description
Conditions[10]
Min.
Max.
Min.
Max.
Units
VDR
VCC for Retention Data
2.0
2.0
V
ICCDR
Data Retention Current
VCC = VDR = 2.0V,
CE >VCC 03V
50
70
mA
tCDR[5]
Chip Deselect to Data Retention Time
CE > VCC - 0.3V,
VIN > VCC - 0.3V or
0
0
ns
tR[5]
Operation Recovery Time
VIN > VCC - 0.3V or
VIN < 0.3V
tRC
tRC
ns
Note:
10. No input may exceed VCC + 0.5V.
Data Retention Waveform
4.5V
4.5V
CE
VCC
tCDR
VDR > 2V
DATA RETENTION MODE
tR
C1001-5
Switching Waveforms
Read Cycle No. 1[11, 12]
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
ADDRESS
DATA OUT
C1001-6
Read Cycle No. 2[12, 13]
C1001-7
50%
50%
DATA VALID
tRC
tACE
tLZCE
tPU
HIGH IMPEDANCE
IMPEDANCE
ICC
ISB
tHZCE
tPD
HIGH
ADDRESS
CE
DATA OUT
VCC
SUPPLY
CURRENT
Notes:
11. Device is continuously selected, CE = VIL.
12. WE is HIGH for read cycle.
13. Address valid prior to or coincident with CE transition LOW.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com