Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HJDL Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # HJDL
Description  Space-saving Plug-in Signal Conditioners H-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

HJDL Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  HJDL Datasheet HTML 1Page - M-System Co.,Ltd. HJDL Datasheet HTML 2Page - M-System Co.,Ltd. HJDL Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: HJDL
HJDL SPECIFICATIONS
ES-3474 Rev.9 Page 2/3
http://www.m-system.co.jp/
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange output: Approx. -10 to +120 % at 1 – 5 V
Linearization: 16 points max. represented as percentage of
full-scale
Adjustments: Programming Unit (model: PU-2x);
linearization data, zero and span, simulating output, etc.
(Refer to the users manual of JXCON for the adjustments
configurable with JXCON.)
SUPPLY OUTPUT
Output voltage: 24 – 28 V DC with no load
Current rating: ≤ 22 mA DC
• Shortcircuit Protection
Current limited: 30 mA max.
Protected time duration: No limit
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
LINEARIZATION
• No linearization: The output is proportional to the input.
• Segment data: 16 points (15 segments) max. within the
range of -15.00 to +115.00 % input or output represented
as percentage of fullscale
• Square root extraction
Low-end cutout: 5 % (output); curve characteristics as in the
figure below
INPUT
6%
5%
0
■ Square root extraction
• Thermocouple linearizable range
USABLE RANGE
T/C
°C
°F
(PR)
0 to 1760
32 to 3200
K (CA)
-270 to +1370
-454 to +2498
E (CRC)
-270 to +1000
-454 to +1832
J (IC)
-210 to +1200
-346 to +2192
T (CC)
-270 to +400
-454 to +752
B (RH)
0 to 1820
32 to 3308
R
-50 to +1760
-58 to +3200
S
-50 to +1760
-58 to +3200
Note: For the temperatures that range below 0°C, the
transmitter may partially not satisfy the described accuracy.
Consult factory.
• RTD linearizable range
USABLE RANGE
RTD
°C
°F
JPt 100 (JIS ’89)
-200 to +500
-328 to +932
Pt 100 (JIS ’89)
-200 to +650
-328 to +1202
Pt 100 ( JIS ’97, IEC)
-200 to +650
-328 to +1202
Pt 50 Ω (JIS ’81)
-200 to +500
-328 to +932
Ni 508.4 Ω
-50 to +200
-58 to +392
Note: Pt 100 (JIS ’89) is deviated from Pt 100 (JIS ’97) only
within the described accuracy.
INSTALLATION
Current consumption: Approx. 95 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail; Standard Rack Mounting
Frame BX-16H available
Weight: 220 g (0.49 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.1 % with segment gain ≤ 1 [±0.1 % × gain]
with segment gain > 1
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute
(input to output to power)
1500 V AC @ 1 minute (input or output or power to ground)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com