Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDL Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # HDL
Description  Space-saving Plug-in Signal Conditioners H-UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

HDL Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  HDL Datasheet HTML 1Page - M-System Co.,Ltd. HDL Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: HDL
HDL SPECIFICATIONS
ES-3424 Rev.7 Page 1/2
http://www.m-system.co.jp/
Space-saving Plug-in Signal Conditioners H-UNIT
CURRENT LOOP SUPPLY
(with square root extractor; non-isolated)
Functions & Features
• Powering a 4 – 20 mA DC current loop
• Square root extraction
• Shortcircuit protection
• Applicable to smart transmitters
• High-density mounting
Typical Applications
• Various 2-wire transmitters
26 (1.02)
93
(3.66)
mm (inch)
137
(5.39)
MODEL: HDL–24–R[1]
ORDERING INFORMATION
• Code number: HDL-24-R
Specify a code from below for [1].
(e.g. HDL-24-R/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
SUPPLY OUTPUT
24: 24 V DC
INPUT
Current
4 – 20 mA DC (Input resistance 250 Ω)
OUTPUT
Voltage
1 – 5 V DC (Load resistance 10 kΩ min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input or output to power
Overrange output: 0 to 120 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Low-end cutout: Approx. 5 – 8 % (output)
SUPPLY OUTPUT
Output voltage: 24 – 28 V DC with no load
Current rating: ≤ 22 mA DC
• Shortcircuit Protection
Current limited: 30 mA max.
Protected time duration: No limit
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
INSTALLATION
Current consumption: Approx. 80 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail; Standard Rack Mounting
Frame BX-16H available
Weight: 200 g (0.44 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.3 % (input 1 – 100 %)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Line voltage effect
Supply output: ±3 % over voltage range
Output signal: ±0.1 % over voltage range


Similar Part No. - HDL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HDL-3805 AD-HDL-3805_15 Datasheet
1Mb / 6P
HYBRID VIDEO DIGITAL TO ANALOG CONVERTERS
HDL-3806 AD-HDL-3806_15 Datasheet
1Mb / 6P
HYBRID VIDEO DIGITAL TO ANALOG CONVERTERS
logo
P-tec Corporation
HDL-E P-TEC-HDL-E Datasheet
217Kb / 2P
DL Series LED Downlights
logo
Yangzhou yangjie electr...
HDL10S YANGJIE-HDL10S Datasheet
181Kb / 4P
Bridge Rectifiers
HDL10S YANGJIE-HDL10S Datasheet
181Kb / 4P
Bridge Rectifiers
More results

Similar Description - HDL

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HPE MSYSTEM-HPE Datasheet
101Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJPA MSYSTEM-HJPA Datasheet
108Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJFT MSYSTEM-HJFT Datasheet
193Kb / 5P
Space-saving Plug-in Signal Conditioners H-UNIT
HJF MSYSTEM-HJF Datasheet
110Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJDL MSYSTEM-HJDL Datasheet
138Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HAS MSYSTEM-HAS Datasheet
137Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
HVS MSYSTEM-HVS Datasheet
110Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HVP MSYSTEM-HVP Datasheet
111Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HSP MSYSTEM-HSP Datasheet
108Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HPR MSYSTEM-HPR Datasheet
127Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com