Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2398DMT7G Datasheet(PDF) 13 Page - ON Semiconductor

Part # TPS2398DMT7G
Description  -48 V Hot Swap Controller for Redundant Supply Systems
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TPS2398DMT7G Datasheet(HTML) 13 Page - ON Semiconductor

Back Button TPS2398DMT7G Datasheet HTML 7Page - ON Semiconductor TPS2398DMT7G Datasheet HTML 8Page - ON Semiconductor TPS2398DMT7G Datasheet HTML 9Page - ON Semiconductor TPS2398DMT7G Datasheet HTML 10Page - ON Semiconductor TPS2398DMT7G Datasheet HTML 11Page - ON Semiconductor TPS2398DMT7G Datasheet HTML 12Page - ON Semiconductor TPS2398DMT7G Datasheet HTML 13Page - ON Semiconductor TPS2398DMT7G Datasheet HTML 14Page - ON Semiconductor TPS2398DMT7G Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TPS2398, TPS2399
www.onsemi.com
13
For the TPS2398 and TPS2399, the typical duration of the
soft−start ramp period, tSS, is given by Equation 3.
t
SS + 1183 @ CIRAMP
(eq. 3)
Where:
• tSS is the soft−start period in ms, and
• CIRAMP is given in mF
During this current ramp period, the load voltage magnitude
which is attained is estimated by Equation 4.
V
LSS +
i
AVG
2
@ C
LOAD @ CRAMP @ 100 @ RSNS
@ t
SS
2
(eq. 4)
Where:
• VLSS is the load voltage reached during soft−start,
• iAVG is 3.38 mA for the TPS2398 and TPS2399,
• CLOAD is the amount of the load capacitance, and
• tSS is the soft−start period, in seconds
The quantity iAVG in Equation 4 is a weighted average of the
two charge currents applied to CIRAMP during turn−on,
considering the typical output values.
If the result of Equation 4 is larger than the maximum
input supply value, then the load can be expected to charge
completely during the inrush slewing portion of the insertion
event. However, if this voltage is less than the maximum
supply input, VIN(MAX), the HSPM transitions to the
constant−current charging of the load. The remaining
amount of time required at IMAX is determined from
Equation 5.
t
CC +
C
LOAD @ VIN(MAX) * VLSS
V
REF_K(MIN)
R
SNS
(eq. 5)
Where:
• tCC is the constant−current voltage ramp time, in
seconds, and
• VREF_K(MIN) is the minimum clamp voltage, 33 mV.
With this information, the minimum recommended value
timing capacitor CFLTTM can be determined. The delay time
needed will be either a time tSS2 or the sum of tSS2 and tCC,
according to the estimated time to charge the load. The
quantity tSS2 is the duration of the normal rate current ramp
period, and is given by Equation 6.
t
SS2 + 0.35 @ CRAMP
(eq. 6)
Where:
• CRAMP is given in microfarads
Since fault timing is generated by the constant−current
charging of CFLTTM, the capacitor value is determined from
either Equation 7 or 8, as appropriate.
C
FLTTM(MIN) +
55
@ t
SS2
3.75
(eq. 7)
(eq. 8)
C
FLTTM(MIN) +
55
@ t
SS2 ) tCC
3.75
Where:
• CFLTTM(MIN) is the recommended capacitor value, in
microfarads,
• tSS2 is the result of Equation 6, in seconds, and
• tCC is the result of Equation 5, in seconds.
Continuing the typical application example, using a 100
mF
input capacitor (CLOAD), Equations 3 and 4 estimate the
load voltage ramping to approximately −46 V during the
soft−start period. If the module should operate down to
−72 V input supply, approximately another 1.58 ms of
constant−current charging may be required. Therefore,
Equations 6 and 8 are used to determine CFLTTM(MIN), and
the result of 43 nF suggests the 47 nF standard value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com