Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM232SA Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM232SA
Description  Driver input is compatible with TTL/CMOS logic level
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM232SA Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM232SA Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM232SA Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM232SA Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM232SA Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM232SA Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM232SA Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM232SA Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM232SA Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM232SA Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
参数
符号
测试条件
最小
典型
最大
单位
接收器输入范围
VRIN
-30
+30
V
接收器输入低阈值
VRIL
0.8
1.1
V
接收器输入高阈值
VRIH
1.5
2.4
V
接收器输入
迟滞
0.4
V
接收器输入阻抗
RRIN
3
5
7
kΩ
(如无另外说明,典型值在 VCC=+5V,Temp=25℃,电容 C1~C4=1uF 测得)
参数
符号
测试条件
最小
典型
最大
单位
发送器输出摆幅
VTOUT
所有发送器输出
端带
3 kΩ 到地
负载
±5.0
±7.3
V
发送器输出阻抗
RTOUT
VCC=0V,
发送器输入=±2V
300
Ω
发送器短路电流
Itsc
±10
±60
mA
(如无另外说明,典型值在 VCC=+5V,Temp=25℃,电容 C1~C4=1uF 测得)
接收器输入电特性
发送器输出电特性
LM232SA
5V 单电源供电 双通道 RS232收发器
Rev :
www.leiditech.com
01.06.2018
5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com