Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JRQ2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # JRQ2
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JRQ2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  JRQ2 Datasheet HTML 1Page - M-System Co.,Ltd. JRQ2 Datasheet HTML 2Page - M-System Co.,Ltd. JRQ2 Datasheet HTML 3Page - M-System Co.,Ltd. JRQ2 Datasheet HTML 4Page - M-System Co.,Ltd. JRQ2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: JRQ2
JRQ2 SPECIFICATIONS
ES-1576 Rev.8 Page 2/5
http://www.m-system.co.jp/
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
RELATED PRODUCTS
• Programming Unit (model: PU-2x)
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to DC output to alarm output to power
Overrange output: Approx. -15 to +115 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Alarm mode: High or Low
Alarm setpoint: -15 – +115 %
Alarm deadband: 0 – 20 %
Input monitor (PL1): Red LED blinks according to the input
phase A.
Input monitor (PL2): Red LED blinks according to the input
phase B.
Excitation adjustment: 5 – 24 V DC
Software programming: Programming Unit (model: PU-2x);
(Refer to the users manual of JXCON for the adjustments
configurable with JXCON)
• Input count range
• Zero and span adjustment
• Linearization
• Alarm setpoint
• Output fine adjustment
• Others
Adjustments: With DIP and Rotary switches.
• Input Type
• Noise Filter
• Pulse amplitude
(Refer to the instruction manual for details)
Modular jack: Connecting the PU-2x
Input pulse sensing: DC coupled
Reset input: Resets the internal counter value (The
transmitter output equivalent to 0 count when the reset
input terminals are closed for 500 msec. or longer.)
Ouput at input/zero/span count overflow
• Positive side: Held at the max. of 115 %
• Negative side: Held at the min. of -15 %
INPUT SPECIFICATIONS
Excitation: Shortcircuit protection; approx. 440 mA (max.) at
shortcircuit
Maximum frequency: 200 kHz
Maximum count range: -99999999 to +99999999
Minimum pulse width time requirement: 2.5 μsec. for both
ON and OFF
■ Open Collector
Input requirements (Excitation: Sensing)
5 V: Approx. 4 V / 1.0 mA
12 V: Approx. 9 V / 2.3 mA
24 V: Approx. 16 V / 4.7 mA
ON resistance: ≤ 200 Ω
OFF resistance: ≥ 200 kΩ
Detecting level:
1 V (5 V excitation)
2 V (12/24 V excitation)
(Detecting voltage in the internal circuit. For open collector
input, be sure to re-adjust the voltage back to 1 V (5 V
excitation) or 2 V (12/24 V excitation) if it has been changed
for other input types.)
Detecting pulse edge: OFF (input monitor LED ON) to ON
(LED OFF)
■ Voltage Pulse
Waveform: Square or sine
Input impedance: 10 kΩ min.
Pulse amplitude: 0.1 – 100 Vp-p
Max. voltage between input terminals: 50 V
Detecting level: 0 – 5 V
(Detecting voltage in the internal circuit.)
Detecting pulse state: A pulse rise detected when the input
voltage goes above the detecting level (input monitor LED
ON); a pulse sink detected when it goes below
the level (LED OFF).
■ RS-422 Line Driver Pulse
Receiver: Conforms to RS-422
■ Reset Input
Sensing voltage: 4.5 V DC
Detecting level
ON: ≤ 1 V
OFF: ≥ 4 V
50V max.
Amplitude
Vinp-p
t
Volts
DC Offset
■ Voltage pulse waveform



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com