| Electronic Components Datasheet Search |
|
JPR2 Datasheet(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
JPR2 Datasheet(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 7 page ![]() MODEL: JPR2 JPR2 SPECIFICATIONS ES-1580 Rev.10 Page 4/7 http://www.m-system.co.jp/ EXTERNAL VIEW 3 2 1 2 3 4 5 6 7 8 1 2 3 4 5 6 7 8 1 2 3 4 5 6 7 8 ON SW1 SW3 SW2 Unused Detecting Level Adj. Detecting Level Adj. Pin Pulse Amplitude Selector Input Type Selectors Unused Sensor Excitation Adj. Modular Jack Input Monitor LED Refer to the instruction manual for detailed procedures. OUTPUT LOGIC H L Voltage Pulse or RS-422 Line Driver Pulse OUTPUT WAVEFORM Open collector or Noncontact AC/DC Switch The pulse width in one-shot means the bold lined section of a pulse waveform. No conversion to one-shot One-shot, detecting input pulse rise Non Inverted Voltage Pulse 2-wire Current Pulse RS-422 Line Driver Pulse Open Collector or Mechanical Contact INPUT WAVEFORM H H L H H L L H L OFF ON L L H One-shot, detecting input pulse drop H L No conversion to one-shot One-shot, detecting input pulse rise Inverted H H L H H L L L L H One-shot, detecting input pulse drop OFF ON No conversion to one-shot One-shot, detecting input pulse rise Non Inverted OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON One-shot, detecting input pulse drop No conversion to one-shot One-shot, detecting input pulse rise Inverted One-shot, detecting input pulse drop |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |