Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JFR2 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # JFR2
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JFR2 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  JFR2 Datasheet HTML 1Page - M-System Co.,Ltd. JFR2 Datasheet HTML 2Page - M-System Co.,Ltd. JFR2 Datasheet HTML 3Page - M-System Co.,Ltd. JFR2 Datasheet HTML 4Page - M-System Co.,Ltd. JFR2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: JFR2
JFR2 SPECIFICATIONS
ES-1581 Rev.10 Page 3/5
http://www.m-system.co.jp/
OUTPUT SPECIFICATIONS
Output frequency: Input frequency × scaling factor (scaling
factor = output span frequency / input span frequency)
Minimum frequency span requirement: 20 % of the selected
output frequency range
■ Open Collector: 50 V DC @ 50 mA (resistive load)
Saturation voltage: 0.6 V DC
Maximum frequency: 10kHz
■ Voltage Pulse
H level: Rating (5, 12 or 24 V) ±10 %
L level: ≤ 0.5 V
Load resistance: ≥ 1 kΩ (5V ), ≥ 2.4 kΩ (12 V), ≥ 4.8 kΩ (24
V)
Maximum frequency: 10 kHz
■ Noncontact AC/DC Switch: 120 V AC or 120 V DC @200
mA (resistive load)
ON resistance: 3 Ω
Maximum frequency: 20 Hz
Rise time: 5 msec.
Sink time: 3 msec.
■ RS-422 Line Driver Pulse
Transmitter: Conforms to RS-422
Maximum frequency: 10 kHz
OUTPUT PULSE WIDTH
• No conversion to one-shot: Duty ratio approx. 50 % (Fixed
duty ratio even when the output frequency changes.)
• One-shot Output: Preset pulse width ±20 %
Optional pulse width: 30 μsec. – 300 msec.
INSTALLATION
Power input
•AC: Operational voltage range 85 – 132 V,
47 – 66 Hz, approx. 6 VA
•DC: Operational voltage range: Rating ±10 %, or 85 – 150
V for 110 V rating; ripple 10 %p-p max.; Approx. 3.3 W (140
mA at 24 V)
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 400 g (0.88 lb)
PERFORMANCE in percentage of span
Accuracy
Output 10 kHz range: ±0.2 %
Output ≤ 1 kHz range: ±0.1 %
Response time
Input ≥ 10 Hz range: 0.3 sec. + input cycle + output cycle
Input ≤ 1 Hz range: Two (2) input cycles + output cycle
Response time is defined as time required for the first
output pulse to be provided for a step input (0 – 100 %).
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute (input or sensor
excitation to output to power to ground)
■INPUT FREQUENCY RANGE
INPUT FREQUECY
RANGE
INPUT SPAN FREQUENCY
100 kHz
20 – 100 kHz
10 kHz
2 – 19.999 kHz
1 kHz
0.2 – 1.9999 kHz
100 Hz
20 – 199.99 Hz
10 Hz
2 – 19.999 Hz
(2 – 10 Hz for Mechanical Contact)
1 Hz
0.2 – 1.9999 Hz
100 mHz
20 – 199.99 mHz
10 mHz
2 – 19.999 mHz
■OUTPUT FREQUENCY RANGE
OUTPUT FREQUECY
RANGE
OUTPUT SPAN FREQUENCY
10 kHz
2 – 10 kHz
1 kHz
0.2 – 1.9999 kHz
100 Hz
20 – 199.99 Hz
10 Hz
2 – 19.999 Hz
1 Hz
0.2 – 1.9999 Hz
100 mHz
20 – 199.99 mHz
10 mHz
2 – 19.999 mHz
1 mHz
0.2 – 1.9999 mHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com