Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPV Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # HPV
Description  Space-saving Plug-in Signal Conditioners H-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

HPV Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  HPV Datasheet HTML 1Page - M-System Co.,Ltd. HPV Datasheet HTML 2Page - M-System Co.,Ltd. HPV Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: HPV
HPV SPECIFICATIONS
ES-3420 Rev.9 Page 2/3
http://www.m-system.co.jp/
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface; Standard Rack Mounting Frame (BX-
16H) available
Weight: 400 g (0.88 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.2 %
Temp. coefficient: ±0.03 %/°C (±0.02 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Permissible overrange: 196 kPa (2.0 kgf/cm2, 1.96 bar, 28
psig)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500V AC @ 1 minute
(output to power to housing)
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
1
2
3
4
*Fitting provided for 1/4” NPT connection.
103 (4.06)
25 (.98)
123 (4.84)
25 (.98)
15 (.59)
2–4.3 (.17) dia.
MTG HOLE
PNEUMATIC
CONNECTION
Rc 1/4” or 1/4” NPT
4–M3.5
SCREW
*NPT FITTING
•When mounting, no extra space is needed between units.
8.3
(.32)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
–
Base Socket
S
Z
Semiconductor
Pressure Sensor
Output
Driver
OUTPUT
3
4
POWER
1
2
Low Drift
Amplifier
CONSTANT
CURRENT
INPUT
+
–



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com