Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6884EVCMOD2 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6884EVCMOD2
Description  Evaluation System/Evaluation Kit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6884EVCMOD2 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6884EVCMOD2 Datasheet HTML 4Page - Maxim Integrated Products MAX6884EVCMOD2 Datasheet HTML 5Page - Maxim Integrated Products MAX6884EVCMOD2 Datasheet HTML 6Page - Maxim Integrated Products MAX6884EVCMOD2 Datasheet HTML 7Page - Maxim Integrated Products MAX6884EVCMOD2 Datasheet HTML 8Page - Maxim Integrated Products MAX6884EVCMOD2 Datasheet HTML 9Page - Maxim Integrated Products MAX6884EVCMOD2 Datasheet HTML 10Page - Maxim Integrated Products MAX6884EVCMOD2 Datasheet HTML 11Page - Maxim Integrated Products MAX6884EVCMOD2 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Maxim Integrated │ 8
www.maximintegrated.com
Evaluate: MAX6884/MAX6885
MAX6884 Evaluation System/
Evaluation Kit
LED Indicator Control
The outputs (RESET, UV/OV, and WDO) of the MAX6884
are connected to some general output circuitry. Jumpers
JU1, JU2, and JU3, respectively, connect the outputs to
either a pullup resistor attached to VLED or an LED indi-
cator. See Table 2 for jumper settings.
MARGIN Input
The MARGIN input of the MAX6884 allows system testing
when voltages are outside their normal ranges. JU5 con-
trols this feature. It is expected that during normal opera-
tion the MARGIN function will be disabled. See Table 3 for
jumper settings.
Evaluating the MAX6885
The MAX6884 EV kit is also capable of evaluating the
I2C-compatible MAX6885. To evaluate the MAX6885
replace the MAX6884 (U1) with a MAX6885ETP free
sample. Select the MAX6885 option from the
Device,
Part # control located in the Interface box on the
MAX6884 EV kit software.
Using an Alternative I2C Interface
The MAX6884 EV kit provides pads and pullup resistor
placeholders that allow an alternative I2C-compatible
interface to be used. Connect the interface through the
SCL, SDA, and GND pads. Install pullup resistors at posi-
tions R7 and R8 if required.
*Default configuration: JU1 (2-3), JU2 (2-3), JU3 (2-3).
*Default configuration: JU5 (not installed).
Table 2. Output Control Circuitry (JU1,
JU2, JU3)
Table 3. MARGIN Input (JU5)
SHUNT POSITION
DESCRIPTION
1-2
Output pulled up to VLED
2-3*
Output connected to LED indicator
SHUNT POSITION
DESCRIPTION
Not Installed*
Normal operation
Installed
RESET
, UV/OV, and WDO outputs
held constant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com