Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDZS11 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDZS11
Description  Zener Voltage Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDZS11 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDZS11 Datasheet HTML 1Page - First Silicon Co., Ltd FDZS11 Datasheet HTML 2Page - First Silicon Co., Ltd FDZS11 Datasheet HTML 3Page - First Silicon Co., Ltd FDZS11 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3
Cathode
1
Anode
SEMICONDUCTOR
TECHNICAL DATA
SOT–23
1
3
2
2009. 05. 08
1/4
Revision No : 0
FDZS2.4 ~ FDZS75
MAXIMUM CASE TEMPERATURE FOR SOLDERING
PURPOSES: 260°C for 10 seconds
We declare that the material of product
compliance with RoHS requirements.
THERMAL CHARACTERISTICS
x
a
M
l
o
b
m
y
S
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Unit
Total Device Dissipation FR-5 Board*
PD
225
mW
T A = 25°C
C
°
/
W
m
8
.
1
C
°
5
2
e
v
o
b
a
e
t
a
r
e
D
Thermal Resistance Junction to Ambient
R QJA
556
°C/W
P
n
o
i
t
a
p
i
s
s
i
D
e
c
i
v
e
D
l
a
t
o
T
D
300
mW
Alumina Substrate,** T A = 25°C
C
°
/
W
m
4
.
2
C
°
5
2
e
v
o
b
a
e
t
a
r
e
D
Thermal Resistance Junction to Ambient
R QJA
417
°C/W
Junction and Storage Temeprature
T J , T stg
-55to+125
°C
**FR-5 = 1.0 x 0.75 x 0.62 in.
**Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
Ordering Information
Device
Package
Shipping
FDZSXX SERIES
SOT-23
3000/Tape&Reel
ESD Rating of Class 3 (>16 kV) per Human Body Model


Similar Part No. - FDZS11

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDZS11 FS-FDZS11 Datasheet
246Kb / 4P
Zener Voltage Regalators
More results

Similar Description - FDZS11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
Zener Voltage Regulators
August, 2004 ??Rev. 5
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 8
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
Zener Voltage Regulators
December, 2011 ??Rev. 7
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 11
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
Zener Voltage Regulators
January, 2012 ??Rev. 9
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
Zener Voltage Regulators
January, 2014 ??Rev. 12
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 11
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
Zener Voltage Regulators
logo
Leshan Radio Company
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com